Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 122 page
background image
Figure 10. Combination of two consecutive WAKE SOURCES determines a WAKE EVENT
GADG0501180956PS
Once the WAKE EVENT is recognized, the IC enters WAKE mode.
If at the end of the sum of the 2 timeouts (PB+PT), the state is still different from the one recorded in
SLEEP_CONFIG register, the DIG_IN_STAT_LTC will be written with the XOR of all and only the IO configured as
WAKE SOURCES (WAK_MSK register) which changed their value during polling: ‘1’ means the status changed,
‘0’ means no change. Then the IC enters in WAKE mode, the WAKE pin is asserted high and the WAK_UP_FLG
in GEN_STATUS is set.
Figure 11. SLEEP-POLLING operation example
GADG0501181036PS
Figure 11 shows a SLEEP mode scenario. In this case, CH5 and CH14 are configured as WAKE SOURCES with
SEL = "001" and "100" respectively. When the RST is driven low, the device enters SLEEP mode.
•
During the first sleep period, CH1 changes its value from ‘1’ to ‘0’. Nonetheless, after polling blanking time,
only CH5 and CH14 are checked against their original value, then device re-enters immediately sleep mode.
•
At second sleep-polling cycle, CH5 changes its value from ‘1’ to ‘0’. After the Polling timeout PT has
expired, device enters WAKE mode. Only after RST is driven high again, the device re-enters INIT mode for
diagnostic checks and finally NORMAL mode.
It is forbidden to use UTh_ratio to detect an eventual WAKE EVENT.
5.9
SLEEP mode
To enter SLEEP mode, the following steps must be done:
1.
Select which channel should be polled in SLEEP mode to detect the wake-up event. This is done by setting
the corresponding bit in WAK_MSK register. Only IO properly configured through SEL bit can be defined
as WAKE UP sources; the IO with SEL bit not properly configured for the function is ignored in WAK_MSK
register and the corresponding bit remains by default.
L9966
SLEEP mode
DS12459 - Rev 10
page 19/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com