Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
1. Once defined the IPD, if the IO voltage is decreasing, the Pull Down current value is guaranteed down to
VPDsat. In case of IO shorted to GND, the voltage on the pin tries to be increased up to VPDsat.
2. In case 20 µA is selected ,minimum voltage to guarantee current is 750 mV , below 750 mV current may be
zero.
6.2
Pull-up current programming
Internal pre-regulated voltage (VPRE) is implemented to protect internal circuitry against high voltage UBSW:
VPRE value with respect to UBSW is reported in Table 12.
Table 12. Pre-regulated voltages value
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VPRE_L Internal pre-regulated voltage
UBSW <20 V (115 mA @ 150 °C: 5 channels with
20 mA each)
UBSW-0.2
UBSW-025
-
UBSW
V
IO1-12
IO13-15
VPRE_H Internal pre-regulated voltage clamp UBSW >22 V
20
21
22
V
IO1-15
The pull up current sources are implemented as current generators supplied from VPRE.
That means the 5V_REF and VVAR current sources are obtained from VPRE through a voltage limitation. The
VVAR voltage is adjusted by register DWT_VOLT_SRC_LSF_CTRL bit VVAR_V[4:0].
Every time the pull up voltage reference is changed, in order to avoid overshoot, it is recommended to switch first
in HiZ. For IO[12:9] any VVAR modification automatically leads to a switch in HiZ.
Pull up regulated voltage values are VPRE over the ones reported in Table 13. Regulated voltages value.
In case of IO[15:13] the only possible pull up is to VPRE; the other pull up voltage, VVAR or 5V_REF, are
automatically redirected to VPRE
Table 13. Regulated voltages value
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
5V_REF
5 V voltage level
Tested at open load, UBSW > 7.5 V
-2%
5
+2%
V
IO1-12
5V_REF_drop 5 V voltage drop
Tested at open load,
5.5 V < UBSW < 7.5 V
0
0.75
1
V
IO1-12
VVAR
Variable voltage source
range
0.8
-
1.9
V
IO1-12
VVAR_acc
Variable voltage source
accuracy
-50
-
+50
mV IO1-12
VVAR_step
Variable voltage source step
45
50
55
mV IO1-12
5V_REF_dly
5V_REF delay time
From enable to start of rising front, digital delay not effecting
-
-
150
µs
IO1-12
5V_REF_rise 5V_REF rise time
From 20% to 80% Tested at open load, current source=Ipu_7
(Voltage slope on IO depends on current selected, and load
on the IO)
-
-
200
µs
IO1-12
VVAR_dly
VVAR delay time
From enable to start of rising front
-
-
120
µs
IO1-12
VVAR_rise
VVAR rise time
From 20% to 80% Tested at open load, current
source = Ipu_7 (Voltage slope on IO depends on current
selected, and load on the IO)
-
-
200
µs
IO1-12
VPRE_dly
VPRE delay time
From enable to start of rising front, digital delay not effecting
-
-
150
µs
IO1-15
VPRE_rise
VPRE rise time
From 20% to 80% of VPRE_H.
-
-
200
µs
IO1-15
L9966
Pull-up current programming
DS12459 - Rev 10
page 23/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com