Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
RMEASacc_H
Total resistance measurement
accuracy
0.1<RPD/RRx<8
30K to 400K, RRx = 50 kΩ Excl.external pull-up RRx
precision No ratiometric comparator running
CALIB_FLT=0 and CALIB_SEL=1
-
-
1.5
%
RMEASacc_L
Total resistance measurement
accuracy
0.1<RPD/RRx<8
50 to 2K, RRx = 470 Ω Excl. external pull-up RRx
precision No ratiometric comparator running
CALIB_SEL=0
-
-
10
%
RMEASacc_M
Total resistance measurement
accuracy
0.1<RPD/RRx<8
2K to 30K, RRx = 9 kΩ Excl. external pull-up RRx
precision No ratiometric comparator running
CALIB_SEL=0
-
-
10
%
RMEASacc_H
Total resistance measurement
accuracy
0.1<RPD/RRx<8
30K to 400K, RRx = 50 kΩ Excl.external pull-up RRx
precision No ratiometric comparator running
CALIB_SEL=0
-
-
10
%
RMEASacc_LL
Total resistance measurement
accuracy
0.01<RPD/RRx<0.1
No ratiometric comparator running
CALIB_FLT=0 and CALIB_SEL=1
-
-
19
%
RMEASacc_HH
Total resistance measurement
accuracy
8<RPD/RRx<16
No ratiometric comparator running (regardless
CALIB_SEL)
-
-
10
%
Rsw_mux_force_1_4 Internal switch impedance
IO[4:1] pins
-
72
125
Ω
Rsw_mux_force_5_12 Internal switch impedance
IO[12:5] pins
-
75
125
Ω
RMEASsettl time
Resistance measurement
settling time
Design info With 6.8 nF and RRx = 470 Ω
-
-
50
µs
RMEASsettl time
Resistance measurement
settling time
Design info With 6.8 nF and RRx = 9 kΩ
-
-
400
µs
RMEASsettl time
Resistance measurement
settling time
Design info With 6.8nF and RRx = 50 kΩ
-
-
1.8
ms
ADC2conv
ADC conversion time
-
-9%
80
+9%
µs
ADC2res
ADC resolution
-
15
bit
ADC2range
ADC input range
RPD/RRx(1)
0.01
16
Ω/Ω
1. 0.01<RPD/RRx<0.1 the measurement can be performed but the accuracy is degraded.
In order to reach the best accuracy, calibration has to be activated setting CALIB_SEL. Calibration feature is
guaranteed in case calibration fault CALIB_FLT flag in GEN_STATUS register is not set.
L9966
ADC2: resistance measurement
DS12459 - Rev 10
page 37/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com