Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 6Page - STMicroelectronics L9966 Datasheet HTML 7Page - STMicroelectronics L9966 Datasheet HTML 8Page - STMicroelectronics L9966 Datasheet HTML 9Page - STMicroelectronics L9966 Datasheet HTML 10Page - STMicroelectronics L9966 Datasheet HTML 11Page - STMicroelectronics L9966 Datasheet HTML 12Page - STMicroelectronics L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
5.3
ESD trials
ESD requirements for the stand-alone component (without any external circuits).
Table 4. ESD
Parameter
Value
Unit
ESD according to the Human Body Model (HBM), Q100-002 for global pins; (100 pF/1.5 kΩ)
±4000
V
ESD according to the Human Body Model (HBM), Q100-002 for all pins; (100 pF/1.5 kΩ)
±2000
V
ESD according to the Charged Device Model (CDM), Q100-011 Corner pins
±750
V
ESD according to the Charged Device Model (CDM), Q100-011 All pins
±500
V
5.4
Operating voltage ranges
Table 5. Supply operating ranges summarizes the different operating ranges where different functionalities of the
FlexInput are guaranteed. It is assumed that the junction temperature range for proper functionality goes from
-40 °C up to 150 °C, unless otherwise specified.
Table 5. Supply operating ranges
Operation
Range
UBSW (V)
VDD5 (V)
Remark
Load Dump
36 – 58
Parameters can be out of tolerance (if RST=’1’), system is not damaged for
pulse duration of 500 ms, 10 time in life.
Jump start
0 – 48
Parameter can be out of tolerance (if RST=’1’), system is not damaged for
pulse duration of 60 s, 10 time in life.
Normal
7.5 – 36
4.85 –
5.15
All parameters in spec. with VDD5_REF = 5 V(1)
Low Batt
5.5 – 7.5
4.85 –
5.15
All parameters in spec. with VDD5_REF = 5 V(1) Current sources can be out
of tolerance, but still non-zero.
Resistance measurement is guaranteed for UBSW-V(IO)>1.5 V that means if
UBSW = 5.5 V → IOx<4 V
Normal, Low
VDD5
7.5 – 36
4 – 4.85
All parameters in spec. Digital and AOX output buffers still working, voltages
limited by VDD5 voltage. 5 V_REF, VVAR and VADCxREF are scaled down
to VDD5 voltage.
Low Batt, Low
VDD5
5.5 – 7.5
4 – 4.85
All parameters in spec. Current sources can be out of tolerance, but still
non-zero. Digital and AOX output buffers still working, voltages limited by
VDD5 voltage. 5V_REF, VVAR and VADCxREF are scaled down.
Resistance measurement is guaranteed for UBSW-V(IO)>1.5V that means if
UBSW = 5.5 V → IOx<4 V
Low Batt – 3V3
digital fault
3V3_FLT – 5.5
>4
Configuration data is kept;
Input buffer is not able to reach 5 V full range;
VRS and SPI functionalities are in spec for UBSW down to 4.5 V.
SPI (frequency is not guaranteed) still run down to POR.
All analog functions are still on but parameters are out of tolerance.
VRS hysteresis features are not guaranteed in case UBSW is < 4.5 V.
3V3 digital fault
VPOR –
3V3_FLT
>4
If 3V3_FLT = 1 all functions switched off. Only internal charge pump kept on
to guarantee no reset of internal logic
Low Batt
< VPOR
Device in OFF mode
1. The parameters depending on VDD5_REF are: ADC1 accuracy, pull-up voltage 5V and VVAR. They will have the same
tolerance in addition as VDD5_REF.
L9966
ESD trials
DS12459 - Rev 10
page 10/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com