Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 53Page - STMicroelectronics L9966 Datasheet HTML 54Page - STMicroelectronics L9966 Datasheet HTML 55Page - STMicroelectronics L9966 Datasheet HTML 56Page - STMicroelectronics L9966 Datasheet HTML 57Page - STMicroelectronics L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
13.6
SPI parameters
Figure 31. SPI timing
t
SPICS-high
t
disable lead
t
lead
t
CLK-low
t
CLK-high
t
MOSI-set
t
MOSI-hold
t
MISO-active
t
MISO-delay
t
MISO-tristate
t
disableleg
t
lag
1/f
SPICLK
0.8*V
high
0.2*V
high
SPICS
MSB
0.8*V
high
0.2*V
high
MOSI
0.8*V
high
0.2*V
high
MISO
0.8*V
high
0.2*V
high
CPO = 0
SPICLK
GADG0606170911PS
Table 39. SPI electrical parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
CS_hi
CS input logic high voltage
-
1.75
-
-
V
CS
CS_lo
CS input logic low voltage
-
-
-
0.75
V
CS
CS_hys
CS input voltage hyst
-
0.2
-
0.5
V
CS
CS_pu
CS pull up to 3V3
-
50
100
150
kΩ
CS
SCLK_hi
SCLK input logic high voltage
1.75
-
-
V
SCLK
SCLK_lo
SCLK input logic low voltage
-
-
-
0.75
V
SCLK
SCLK_hys
SCLK input voltage hyst
-
0.2
-
0.5
V
SCLK
SCLK_pd
SCLK pull down to GND
-
50
100
150
kΩ
SCLK
MOSI_hi
MOSI input logic high voltage
-
1.6
-
2.3
V
MOSI
MOSI_lo
MOSI input logic low voltage
-
1.2
-
1.9
V
MOSI
MOSI_hys
MOSI input voltage hyst
-
0.2
-
0.6
V
MOSI
MOSI_pd
MOSI pull down to GND
-
50
100
150
kΩ
MOSI
L9966
SPI parameters
DS12459 - Rev 10
page 57/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com