Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
7
Multiplexing switches
The FlexInput has different type of integrated switches to connect the input channels to the desired functionality.
These functionalities are:
•
Integrated ADC for voltage measurement (with 4 different full-scale voltage ranges)
•
Integrated ADC for resistance measurement (with 3 different resistance ranges, according to the 3 external
pull-up reference resistances)
•
AOX output to provide an analog output signal of the input line
•
SENTx_GTMx output pins to provide the SENT signals to an external SENT decoder
•
SENTx_GTMx outputs to provide a digital output signal of the input line
•
Ratiometric analog comparator
The switches are controlled by register SWITCH_ROUTE, CURR_SRC_CTRL_X and SC_CONF/SQNCR_CMD
registers.
The sequencer, if used, can anyhow take control of the switches settings connecting the input lines to the 2
integrated ADCs for voltage and resistance measurements.
7.1
Channels routing to SENTx_GTMx output buffers
Channel comparator output can be read with a SPI on DIG_IN_STAT register or routing the channel state to
SENTx_GTMx buffers.
By default at power-up, IO15 is routed on SENT4_GTM4 while the others SENTx_GTMx outputs are kept in
HiZ. Once an IOx is configured as SENT through SWITCH_ROUTE register, the corresponding SENTx_GTMx
buffer is automatically programmed to output the SENT signal. An eventual previous configuration of the same
SENTx_GTMx as GTM is overwritten.
Routing input channel comparators to SENTx_GTMx (x=1:4) requires:
•
Disabling SENT_x functionality by writing RSENT_x = ‘0’ in SWITCH_ROUTE register (in case the SENT
functionality was enabled)
•
Configure the routed channel by writing SENTx_GTM_ROUTE[4:1] in GTM_TO_SENT_ROUTE_1_2 (for
SENT 1/2) or in GTM_TO_SENT_ROUTE_3_4 (for SENT 3/4)
It is possible to put the SENTx_GTMx output buffers in high impedance configuring SENTx_GTM_ROUTE[4:1] =
"0000" in GTM_TO_SENT_ROUTE_1_2/3_4 register.
L9966
Multiplexing switches
DS12459 - Rev 10
page 32/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com