Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics L9966 Datasheet HTML 67Page - STMicroelectronics L9966 Datasheet HTML 68Page - STMicroelectronics L9966 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
Once VRS_A (VRS_SEL=1) or VRS_B (VRS_SEL=0) has been configured, hysteresis and filtering strategy are
defined through VRS_CONF_MODE[1:0] bit in the same VRS register:
•
VRS_CONF_MODE[1] defines filtering function (OFF/ON and if ON, its time value)
•
VRS_CONF_MODE[0] defines the hysteresis (manual or adaptive)
The next two tables summarize the parameters of VRS_A and VRS_B architecture; the two configurations are:
•
In VRS_B limited adaptive and SPI configuration, it is possible to force the default hysteresis value (HI1) by
setting MIN_HYST_FORCE bit in VRS register.
•
In VRS_A fully adaptive and SPI configuration, it is possible to force the default hysteresis value (HI3) by
setting MIN_HYST_FORCE bit in VRS register.
Entering in normal mode, in order to properly initialize the VRS block, it is recommended to have the first
VRS_OUT toggles with low HIx value – manual mode (default condition) and then configure VRS block itself.
Table 46. VRS_A hysteresis and filter time definition
VRS_SEL
(A config.)
VRS_CONF_
MODE[1:0]
Filter
Hyst
MIN_HYST_FORCE
1
00
OFF
0 µs
Manual
Ref to VRS_A – Manual Hysteresis
Active
1
01
OFF
0 µs
Full adaptive
Ref. to VRS_A – Fully Adaptive Hysteresis
Active
1
10
ON
T(n-1)/32
Manual
Ref to VRS_A – Manual Hysteresis
Active
1
11
ON
T(n-1)/32
Full adaptive
Ref. to VRS_A – Fully Adaptive Hysteresis
Active
Table 47. VRS_B hysteresis and filter time definition
VRS_SEL
(B config.)
VRS_CONF_
MODE[1:0]
Filter
Hyst
MIN_HYST_FORCE
0
00
OFF
0 µs
Manual
Ref. to VRS_B – Manual Hysteresis
Active
0
01
OFF
0 µs
Limited adaptive
Ref. to VRS_B –Limited Adaptive Hysteresis
Active
0
10
ON
2.5 µs
Manual
Ref. to VRS_B – Manual Hysteresis
Active
0
11
ON
2.5 µs
Limited adaptive
Ref. to VRS_B –Limited Adaptive Hysteresis
Active
In case a change of VRS_SEL bit within the normal operating mode occurs (1->0 or 0->1) with hysteresis current
active, this leads to the change of the hysteresis not synchronized with any VRS_OUT zero crossing.
15.2.2
VRS_A – Manual Hysteresis
To set the manual hysteresis on VRS_A configuration, bit VRS_CONF_MODE[0] has to be configured at ‘0’.
Hysteresis value is manually set through VRS_HYST_CONF[2:0] of VRS register according to Table 48. VRS_A
hysteresis value. Such hysteresis is fixed until a new SPI programming occurs.
Default hysteresis current after exiting reset is HI3.
New SPI current value is updated during HYST CURRENT OFF phase that means the output comparator is high.
The following hysteresis value ranges include also the error given by the temperature behavior of the leakage
currents on the input pins.
L9966
VRS - Normal mode
DS12459 - Rev 10
page 65/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com