Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
Figure 14. IOx configuration: IO1 driven through IO3 (stuck @ GND), Pull Up to VPRE, 5 mA, MODE=1
GADG0501181251PS
6.4
Binary Lambda mode
IO[12:9] present additional capabilities for the use of binary lambda sensors. By setting LSF_MDx(x = 9:12)
in DWT_VOLT_SRC_LSF_CTRL, it is possible to activate binary lambda mode to control PU5V/PUVVAR
configuration through the control source defined in CIS[3:0].
Every writing access to DWT_VOLT_SRC_LSF_CTRL has impact on IOx configuration. For IO[12:9], the
configuration is automatically reset: in case LSF_MD_x=1, default configuration is 250 µA PU VDD5; in case
LSF_MD_x=0, default configuration is HiZ.
The only selectable currents when binary lambda mode is active are reported in Table 17.
Table 17. Lambda IO current values
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
Ipu_7_VVAR Pull up current
Current source code [CV2,CV1,CV0]=111, pull-up current to VVAR
16
20
22
µA
IO9-12
Ipu_6_VVAR Pull up current
Current source code [CV2,CV1,CV0]=110, pull-up current to VVAR
16
20
22
µA
IO9-12
Ipu_5_VVAR Pull up current
Current source code [CV2,CV1,CV0]=101, pull-up current to VVAR
-50%
1
+50%
µA
IO9-12
Ipu_4_VVAR Pull up current
Current source code [CV2,CV1,CV0]=100, pull-up current to VVAR
-50%
1
+50%
µA
IO9-12
Ipu_7_5V
Pull up current
Current source code [CV2,CV1,CV0]=111, pull-up current to 5V_REF
-10% 500 +10%
µA
IO9-12
Ipu_6_5V
Pull up current
Current source code [CV2,CV1,CV0]=110, pull-up current to 5V_REF
-20% 250 +20%
µA
IO9-12
Ipu_5_5V
Pull up current
Current source code [CV2,CV1,CV0]=101, pull-up current to 5V_REF
-10% 500 +10%
µA
IO9-12
Ipu_4_5V
Pull up current
Current source code [CV2,CV1,CV0]=100, pull-up current to 5V_REF
-20% 250 +20%
µA
IO9-12
L9966
Binary Lambda mode
DS12459 - Rev 10
page 28/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com