Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
SEL[2:0] bits define if the current source is connected either to a pull up (and to which pull up voltage value
level among VPRE, 5V_REF and VVAR) or pull down source or high impedance. The choice of the connection
is defined through these 3 bits in conjunction with MODE bit that defines the “non-inversion / inversion” mode.
In case of IO[15:13], only PU-VPRE is possible and any PU to 5V_REF or VVAR is automatically redirected to
VPRE.
VVAR value is set through VAR_V[4:0] in DWT_VOLT_SRC_LSF_CTRL register. Every writing access to
DWT_VOLT_SRC_LSF_CTRL has impact on IOx configuration. For IO[12:9], the configuration is automatically
reset: in case LSF_MD_x=1, default configuration is 250 µA PU VDD5; in case LSF_MD_x=0, default
configuration is HiZ. IO[8:1] maintain their configuration and V(IOx) changes according to a new VVAR value
set.
MODE bit defines the non-inversion / inversion mode of the controlling input channel. MODE = 0 (Non Inv): the
configuration is done assigning to the control source a ‘1’ if the control source signal is high, a ‘0’ if the control
source signal is low. MODE = 1 (Inv): the configuration is done assigning to the control source a ‘0’ if the control
source signal is high, a ‘1’ if the control source is low.
In Table 16 the IOx setting based on SEL, MODE and the control signal is reported (see Figure 13): control signal
is considered as it is if MODE=0; it is considered its negated value if MODE=1
Table 16. IOx stage configuration
CURR_SRC_CTRL_x
SEL[2:0]
MODE = 0
MODE = 1
input signal
control signal
PU (VDD5, VPRE, VVAR)
PD or HiZ
input signal
control signal
PU (VDD5, VPRE, VVAR)
PD or HiZ
000
H
1
HiZ
H
0
HiZ
001
H
1
Pu_VPRE
H
0
HiZ
010
H
1
Pu_5V_REF
H
0
HiZ
011
H
1
Pu_VVAR
H
0
HiZ
100
H
1
Pd
H
0
HiZ
101
H
1
Pu_VPRE
H
0
Pd
110
H
1
Pu_5V_REF
H
0
Pd
111
H
1
Pu_VVAR
H
0
Pd
000
L
0
HiZ
L
1
HiZ
001
L
0
HiZ
L
1
Pu_VPRE
010
L
0
HiZ
L
1
Pu_5V_REF
011
L
0
HiZ
L
1
Pu_VVAR
100
L
0
HiZ
L
1
Pd
101
L
0
Pd
L
1
Pu_VPRE
110
L
0
Pd
L
1
Pu_5V_REF
111
L
0
Pd
L
1
Pu_VVAR
Figure 14 shows an example of configuration of CURR_SRC_CTRL_1 register in order to drive IO1 with 5 mA PU
to VPRE being MODE=1 and IO1 driven by IO3 which is here stuck at GND.
L9966
Control of current source
DS12459 - Rev 10
page 27/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com