Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 7Page - STMicroelectronics L9966 Datasheet HTML 8Page - STMicroelectronics L9966 Datasheet HTML 9Page - STMicroelectronics L9966 Datasheet HTML 10Page - STMicroelectronics L9966 Datasheet HTML 11Page - STMicroelectronics L9966 Datasheet HTML 12Page - STMicroelectronics L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
5.5
Temperature ranges and thermal data
Table 6. Temperature ranges and thermal data
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Notes
Tj (1)
Operating junction
temperature
–
-40
–
150
°C
–
Tstg
Storage temperature
–
-55
150
°C
–
RTh j-a (2)
Thermal resistance
junction-to-ambient
–
–
31
–
°C/W
Homogeneous internal
power distribution (3)
RTh j-cb (2)
Thermal resistance
junction-to-case-bottom
–
–
3
–
°C/W
Homogeneous internal
power distribution
1. All parameters are guaranteed, and tested, in the temperature range Tj -40 to 150 °C unless otherwise
specified.
2. Not subject to production test, guaranteed by design.
3. RTh j-a value is retrieved according to Jedec JESD51-2,-5,-7 guideline with a 2s2p board.
Figure 4. 2s2p PCB with thermal vias
GADG2702170724PS
2s2p PCB + vias
ΘJ-A (2s2p)
Note:
In “2s2p”, the “s” suffix stands for “Signal” and the number before indicates how many PCB layers are dedicated
to signal wires. The “p” suffix stands for “Power” and the number before indicates how many PCB layers are
dedicated to power planes.
L9966
Temperature ranges and thermal data
DS12459 - Rev 10
page 11/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com