Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 122 page
background image
6.3
Control of current source
For IO[4:1] if R20K_SENT_x =0 the control of current source is as reported below; if R20K_SENT_x =1, the
internal current sources are kept off and the internal R = 20 kΩ pull up is connected to VDD5.
Figure 13. IOx configuration diagram
GADG0501181224PS
For each input, the correspondent current source is driven according to CURR_SRC_CTRL_x register in the
following ways:
1.
CV[2:0] bits define the current source value
2.
CIS[3:0] bits define which signal controls the IOx current source configuration.
In case CIS[3:0] = 0000, no comparator is used as reference and the channel being set is controlled as always
having a low level input.
In case CIS[3:0] = IOy, different from the IOx, IOy status (defined by its input comparator) selects the direction
of the current source, according to SEL[2:0] and MODE bit setting. If the current source (IOx) is controlled by
another IOy, the delay time depends on whether pull up or pull down voltage is set.
In case of pull up to VDD5 the delay is 5V_REF_dly, in case of pull up to VVAR the delay is VVAR_dly, as
specified in Table 13.
In case CIS[3:0] selects the same channel being set (e.g. CIS[3:0] = 0011 and x = 3), an auxiliary source is
selected: either the VRS or CTRL_CFG pins control the current source on channel x, based on AUX_Even/Odd
channel bit in register SWITCH_ROUTE.
L9966
Control of current source
DS12459 - Rev 10
page 26/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com