Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
Figure 16. Active discharge function
GADG0501181510PS
The active discharge is performed by the PullDown sink for a duration configurable in
ACTIVE_DSCHRG_TIM[3:0], see Table 20. The sink current is selected as shown in Table 19.
In Table 19 is reported the Pull Up current values when binary lambda mode is active, and the Pull Down current
value when Active discharge based on SEL, MODE and the control signal (see Figure 13): control signal is
considered as it if MODE=0; it is considered at its negated value if MODE=1.
Table 19. Lambda IO stage configuration in LSF mode
LSF_MD_x=1 SEL[2:0]=111
CV[2:0]
Current Value
Pullup VDD5V
Current Value
Pullup Vvar
Active Discharge Current Value Pull Down
111
500 µA
20 µA
500 µA
110
250 µA
20 µA
100 µA
L9966
Binary Lambda mode
DS12459 - Rev 10
page 30/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com