Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics L9966 Datasheet HTML 50Page - STMicroelectronics L9966 Datasheet HTML 51Page - STMicroelectronics L9966 Datasheet HTML 52Page - STMicroelectronics L9966 Datasheet HTML 53Page - STMicroelectronics L9966 Datasheet HTML 54Page - STMicroelectronics L9966 Datasheet HTML 55Page - STMicroelectronics L9966 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
Figure 26. Write access (32 bits frame)
CS
SI
SO
16 bit instruction
16 bit data
check byte
zz + 14 bit
previous register
content
GADG1001180956PS
Figure 27. Read access (32 bits frame)
CS
SI
SO
16 bit instruction
xxxxxxxxxxxxxxxx
check byte
zz + 14 bit
16 bit data
GADG1001181056PS
13.2
Address multiplexing
The chip features hardware configurable address multiplexing which allows 2 ICs sharing all the SPI bus, CS line
included.
The first two bits of the SPI frame are used to address the chip. The MSB is always ‘1’ while the second address
bit depends on the level of the CTRL_CFG pin, latched during the transition from WAKE to INIT at power up, see
Table 32. CTRL_CFG hardware address.
In case of open, the CTRL_CFG pin is internally pulled up, see Table 33. CTRL_CFG electrical parameters.
Table 32. CTRL_CFG hardware address
Bit 31
Bit 30
Chip address
1
0 (CTRL_CFG pin low)
10
1
1 (CTRL_CFG pin high)
11
The chip does not shift out any bit on MISO line unless the correct address is decoded.
Table 33. CTRL_CFG electrical parameters
Symbol
parameter
condition
Min
Typ
Max
Unit
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VinH
CTRL_CFG input voltage levels
-
-
-
2
V
VinL
CTRL_CFG input voltage levels
-
0.8
-
-
V
Vhys
CTRL_CFG input voltage hysteresis
-
0.15
-
0.5
V
CTRL_CFG_pu
CTRL_CFG pull up to 3V3
-
50
100
150
kΩ
L9966
Address multiplexing
DS12459 - Rev 10
page 52/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com