Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics L9966 Datasheet HTML 67Page - STMicroelectronics L9966 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
Figure 33. VRS block diagram - Normal operating mode
GADG1101181045PS
To avoid spurious commutations of the zero crossing comparator, a hysteresis mechanism is implemented. L9966
is able to sink a hysteresis current which generates a voltage drop across the external resistors. The voltage
levels related to the hysteresis function shown hereafter are calculated considering an external series resistance
of 10kΩ on VRSP and 10kΩ on VRSN pins.
As reported in Figure 34. Hysteresis application, the Vdiff (VRSP-VRSN) input differential signal exhibits some
steps at each zero crossing:
•
when the output of the zero crossing comparator is high, the hysteresis current is kept OFF;
•
when the output of the zero crossing comparator is low, the hysteresis current is switched ON.
This approach applies the hysteresis current only on the transition HL of the VRS_OUT signal.
Figure 34. Hysteresis application
GADG1101181050PS
The output of the zero crossing comparator can be further processed by a filtering circuit or directly routed to
VRS_OUT.
15.2.1
VRS normal mode configurations
L9966 integrates two main configurable architectures: VRS_A and VRS_B. These architectures are selected in
VRS register, VRS_SEL bit.
L9966
VRS - Normal mode
DS12459 - Rev 10
page 64/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com