Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
ADC1err_a_40
ADC1 total measurement
error on analog inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 40 V
(1LSB = 10 mV)
-
-
90
LSB IO 1-12
ADC1err_d_1_25
ADC1 total measurement
error on digital inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 1.25 V
(1LSB = 0.3 mV)
-
-
100
LSB IO 13-15
ADC1err_d_20
ADC1 total measurement
error on digital inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 20 V
(1LSB = 5 mV)
-
-
100
LSB IO 13-15
ADC1err_d_40
ADC1 total measurement
error on digital inputs
Including all error contributions
(VDD5REF excl.) While no ratiometric
comparator running Full range 40 V
(1LSB = 10 mV)
-
-
100
LSB IO 13-15
AFlexInputZ_1_25
Analog FlexInput input
Impedance
Full range: 1.25 V
>>10M
-
-
Ω
IO 1-12
AFlexInputZ_5
Analog FlexInput input
Impedance
Full range: 5 V
>>10M
-
-
Ω
IO 1-12
AFlexInputZ_20
Analog FlexInput input
Impedance
Full range: 20 V
>200K
-
-
Ω
IO 1-12
AFlexInputZ_40
Analog FlexInput input
Impedance
Full range: 40 V
>200K
-
-
Ω
IO 1-12
DflexInputZ_1_25
Digital FlexInput input
Impedance
Full range: 1.25 V
>500K
-
-
Ω
IO 13-15
DflexInputZ_20
Digital FlexInput input
Impedance
Full range: 20 V
>500K
-
-
Ω
IO 13-15
DflexInputZ_40
Digital FlexInput input
Impedance
Full range: 40 V
>500K
-
-
Ω
IO 13-15
ADC1settl_1_25
ADC settling time
Full range: 1.25 V Not to be programmed,
already embedded in the logic
-9%
4
+9%
µs
IO 1-15
ADC1settl_5
ADC settling time
Full range: 5 V Not to be programmed,
already embedded in the logic
-9%
1.5
+9%
µs
IO 1-12
ADC1settl_20
ADC settling time
Full range: 20 V Not to be programmed,
already embedded in the logic
-9%
15
+9%
µs
IO 1-15
ADC1settl_40
ADC settling time
Full range: 40 V Not to be programmed,
already embedded in the logic
-9%
10
+9%
µs
IO 1-15
ADC1settl
ADC settling time
UBSW, VI5V, VIX, internal bandgap
-9%
1.5
+9%
µs
-
ADC1conv
ADC conversion time
Not considering ADCsettl
-9%
40
+9%
µs
IO 1-15
L9966
ADC1: voltage measurement
DS12459 - Rev 10
page 35/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com