Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
Table 24. Channel addressing
Description
0xC1
Configuration Analog Channel 1
0xC2
Configuration Analog Channel 2
0xC3
Configuration Analog Channel 3
0xC4
Configuration Analog Channel 4
0xC5
Configuration Analog Channel 5
0xC6
Configuration Analog Channel 6
0xC7
Configuration Analog Channel 7
0xC8
Configuration Analog Channel 8
0xC9
Configuration Analog Channel 9
0xCA
Configuration Analog Channel 10
0xCB
Configuration Analog Channel 11
0xCC
Configuration Analog Channel 12
0xCD
Configuration UBSW
0xCE
Configuration VI5V
0xCF
Configuration VIX
0xE1
Result Analog Channel 1
0xE2
Result Analog Channel 2
0xE3
Result Analog Channel 3
0xE4
Result Analog Channel 4
0xE5
Result Analog Channel 5
0xE6
Result Analog Channel 6
0xE7
Result Analog Channel 7
0xE8
Result Analog Channel 8
0xE9
Result Analog Channel 9
0xEA
Result Analog Channel 10
0xEB
Result Analog Channel 11
0xEC
Result Analog Channel 12
0xED
Result UBSW
0xEE
Result VI5V
0xEF
Result VIX
Sequencer configuration Channel x:
SQNCR_CMD_x is used for the following channel-specific settings:
•
Type of measurement (voltage or resistance) via R_VOLT_MEAS_SELECT bit
•
Full scale range (voltage measurement selected) or RRx (resistance measurement selected) via
PUPx_DIV[1:0]. If either UBSW, VI5V or VIX is measured, the correspondent full scale range is 1.25 V
and the partitioning is defined in Section 11 Voltage dividers and internal signals
•
Next line to be processed through NXT_PC[3:0]. NXT_PC is ‘0000’ is intended as ENDLOOP condition.
When the ENDLOOP is reached, the sequencer stops.
L9966
Sequencer
DS12459 - Rev 10
page 40/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com