Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 56Page - STMicroelectronics L9966 Datasheet HTML 57Page - STMicroelectronics L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
In case of ratiometric comparator selected for one or more IOx, the ratiometric comparator sweeps between all
IOx with a total sweeping time of T_cycle, see Section 12.2 Ratiometric comparator; the IOx digital conversion is
updated every T_cycle time.
In case of absolute comparators, each IOx has a dedicated absolute comparator, the IOx digital conversion is
immediately updated.
In both cases SENTx_GTMx is the result of the IOx comparison with the threshold selected, that in turn is
reported for each IO in DIG_IN_STAT register, as described in Section 12 Voltage comparators.
When SENTx_GTMx is not assigned to any channel (SENTx_GTM_ROUTE_x=0), the output pin is in HiZ.
Table 42. SENTx_GTMx electrical parameters
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
SENToutH
Output high level
Iload = |2 mA|
VDD5-0.5
-
-
V
SENTx/GTMx
SENToutL
Output low level
Iload = |2 mA|
-
0.5
V
SENTx/GTMx
SENTout_HiZ Tri-state impedance
-
>1M
-
Ω
SENTx/GTMx
Delay time HL
Delay time rising edge
(covered by filter time test)
IOx as per default config; IOx routed on GTMy
-
-
10
µs
SENTx/GTMx
Delay time LH
Delay time falling edge
(covered by filter time test)
IOx as per default config; IOx routed on GTMy
-
-
10
µs
SENTx/GTMx
In case one or more IO[4:1] are configured as SENT, output of signal processing chains are automatically
routed on SENTx_GTMx regardless of any possible existing configuration in GTM_TO_SENT_ROUTE_1_2 or
GTM_TO_SENT_ROUTE_3_4.
In case of IO1:4, it is possible to:
•
select the fast or slow filter through AN_FIL_x in GTM_TO_SENT_ROUTE_x_y register
•
Insert or not the 1 μs digital filter through DIG_FIL_x in SWITCH_ROUTE register
•
route the absolute comparator output directly on SENTx_GTMx through DIG_BP_x in
GTM_TO_SENT_ROUTE_x_y register, in this case no digital sampling is performed.
14.3
INT output
The INT output pin is used to generate an interrupt in order to flag the end of single conversion or
the end of command list programmed for both EU1 and EU2 (NEXT_PC either reached END LOOP or
INT_EUx_CONF[3:0]). INT flag is managed through SQNCR_INT_MSK_FLG register: it is possible to selectively
enable / disable the toggle on INT pin while the flag generation is never inhibited.
Output Type: Push-pull, see Table 43. INT electrical parameters.
Table 43. INT electrical parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
INToutH
Output high level
Iload = |2 mA|
VDD5-0.5
-
-
V
INT
INToutL
Output low level
Iload = |2 mA|
-
-
0.5
V
INT
INTtoggle
INT toggle time
-
-9%
16
+9%
µs
INT
14.4
WAKE output
The WAKE output pin and WAK_UP_FLG are set high at the end of Power up cycle, as showed in
Figure 5. Operating mode state diagram.
L9966
INT output
DS12459 - Rev 10
page 60/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com