Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 12Page - STMicroelectronics L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
IVDD5REF
VDD5REF
NORMAL mode
-
50
100
µA
VDD5REF
MAIN_OSC
MAIN_OSC
NORMAL mode oscillator frequency
-9%
16
+9% MHz
-
LOW_SPEED_OSC LOW SPEED OSC
SLEEP mode low power, low speed oscillator
frequency
-40%
1
+40% MHz
-
NVM_timeout
NVM timeout
Guaranteed by design
-40% 3.125 +40%
ms
-
5.6.1
Software reset
Configuration bit can be cleared by entering RST_ACTIVE mode, or alternatively, by issuing a SOFT_RESET
command procedure. The procedure is a sequence of 3 separate SPI write operations with activation codes
specified in the register description in Section 16.18 SOFT_RST_CMD. Only consecutive write accesses are
allowed: any write or read access in-between will reset the activation code. After procedure completion the device
moves back in NORMAL mode.
5.7
Chip status
The status of the chip can be read in the GEN_STATUS register. In particular CFG_CHK[1:0] bit in GEN_STATUS
are configured to default ‘10’ after power-up. User can write any different code during NORMAL mode to
understand later if a new POR or a reset event has occurred (POLLING does not impact these two bits).
The device is equipped with an overtemperature protection that could be masked. When not masked, as soon
as the overtemperature is detected, the OT_FLT bit sets to ‘1’ and the device goes to the FAULT mode. When
masked setting OT_MASK = ‘1’, the fault bit is set, but the device will not enter FAULT mode.
Overtemperature diagnostic is active at power up after trimming bits have been downloaded from internal
EEPROM; in case a fault of the download procedure is detected, such a function is disabled and an eventual
overtemperature is not detected.
An internal voltage comparator is implemented on the internal supply reference (3V3_ref) to monitor its proper
range. In case of fault, the 3V3_FLT bit is set and the device goes to the FAULT mode. Once the fault is no longer
persisting and the bit is read, the bit itself is cleared.
At the POWER up, as soon as UBSW is recognized higher than VPOR, the device downloads the EEPROM
content; the internal FSM, before reaching the WAKE state, waits until 3V3_FLT is de-asserted. Once the
EEPROM content has been downloaded into the internal registers, a consistency check of data is performed;
result of this check is CALIB_FLT, which takes into account an eventual fault of calibration data for ADC1 and
ADC2, and TRIM_FLT flag, which takes into account the consistency of data used for trimming.
When UBSW falls down, once 3V3_FLT is asserted, the analog section is no more guaranteed to properly
operate. Bandgap reference, main oscillator, voltage monitoring, logic section (SYNC, RST, INT) and SPI keep
working allowing the possibility to read the internal status of 3V3 signal. Internal current generators, VRS, GTM,
AOX blocks are switched off; the configuration is still kept until UBSW goes below VPOR, that generates a POR
event.
Parameters that determine fault condition for the device are defined in Table 9.
Table 9. Chip status electrical parameters
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VPOR
POR threshold H to L
Battery POR threshold
-
-
2.5
V
UBSW
POR threshold L to H
Battery POR threshold
Design info
4.5
-
-
V
UBSW
3V3_FLTh
3V3_FLT higher threshold,
By design
If internal 3V3 > 3V3_FLTh => 3V3_FLT = ‘0’; POR is not
activated
Design info
2.8
-
3.2
V
UBSW
L9966
Chip status
DS12459 - Rev 10
page 16/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com