Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 11Page - STMicroelectronics L9966 Datasheet HTML 12Page - STMicroelectronics L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 122 page
background image
Figure 7. Example of power down sequence
GADG0401181619PS
For the state evolutions which involve a timeout expiration, two separate timers are taken into account:
•
PB: blanking timeout, 160 µs by default;
•
PT: polling timeout, 16 ms by default.
Both of them have a default value that can be modified, once the SPI is able to operate, setting the appropriate
values in PB[1:0] and PT[1:0] fields inside WAK_CONFIG register.
Every time the system exits from POR or RST_ACTIVE, the two timeouts reset to their default values.
Current consumption in each device status is summarized in next Table 8.
Table 8. Current consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
V3V3
Internal 3V3
Design info – analog and digital supply voltage
range
3
-
3.55
V
-
IRST_ACTIVE
Current consumption
during RST
RST pin low, UBSW = 12 V
-
210
300
µA
UBSW
RST pin low, UBSW = 12 V
CTRL_CFG connected to GND or VDD5 (not
floating) and CS kept H
-
-
30
µA
UBSW
ISLEEP
SLEEP current
consumption
SLEEP mode (no current sources activated and no
WAKE SOURCE defined) and UBSW = 12 V.
CTRL_CFG connected to GND or VDD5 (not
floating) and CS kept H
-
75
130
µA
UBSW
ISLEEP-POLLING
Average SLEEP -
POLLING current
consumption
POLLING mode (only one WAKE SOURCE defined
and configured as PULL DOWN), 32 ms PT TIME,
16 µs PB TIME and UBSW = 12 V.
CTRL_CFG connected to GND or VDD5 (not
floating) and CS kept H
-
75
130
µA
UBSW
INORMAL
NORMAL current
consumption
NORMAL mode, no active current sources
-
24
30
mA
UBSW
IVDD5
VDD5
NORMAL mode, without SPI and SENTx_GTMx
activity
-
5
10
mA
VDD5
L9966
Operating modes
DS12459 - Rev 10
page 15/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com