Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics L9966 Datasheet HTML 30Page - STMicroelectronics L9966 Datasheet HTML 31Page - STMicroelectronics L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
LSF_MD_x=1 SEL[2:0]=111
CV[2:0]
Current Value
Pullup VDD5V
Current Value
Pullup Vvar
Active Discharge Current Value Pull Down
101
500 µA
1 µA
500 µA
100
250 µA
1 µA
100 µA
Table 20. Lambda IO LSF mode active discharge
Symbol
Parameter
Condition
Min
Typ
Max Unit
Pin
ACT_DIS_TIM
Active discharge time
LSF_MD=1,
ACT_DSCHRG_EN_CHx=1
-
ACTIVE_DSCHRG_TIM[3:0]
ms IO9-12
ACT_DIS_TIM_RES
Active discharge time
resolution
LSF_MD=1,
ACT_DSCHRG_EN_CHx=1
-
-
1
ms IO9-12
L9966
Binary Lambda mode
DS12459 - Rev 10
page 31/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com