Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics L9966 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
VclampL_OFF
Input signal low clamping voltage
OFF condition
Max input current 20 mA
-1.5
-0.6 -0.3
V
VRSP/VRSN
Rin CM
Input impedance
Equivalent resistance between VRSP/N and
Vcm_NORM (1)
60
100 140
kΩ
VRSP/VRSN
IBVRS
Input leakage current
VRSP/N = Vcm_NORM otherwise Rin_CM is
measured
-
-
1
µA
VRSP/VRSN
Voh
Output high voltage level
Iload = |2 mA|
VDD5-0.5
-
-
V
VRS_OUT
Vol
Output low voltage level
Iload = |2 mA|
-
-
0.5
V
VRS_OUT
Tdfalling
Delay between zero crossing of
the voltage differential VRSP and
VRSN to VRS_out
VRS_CONF_MODE[1]=’0’ (no Filter Time
inserted)
-
-
1
µs
VRS_OUT
Tdrising
Delay between zero crossing of
the voltage differential VRSP and
VRSN to VRS_out
Vdiff period = 4ms
VRS_CONF_MODE[1]=1 and VRS_SEL=1
(fully adaptive filter selected)
-
-
150
µs
VRS_OUT
VCM_diag
Diagnosis VRSP voltage
VRSP open, diag mode
0.9
1.1
1.3
V
VRSP
Idiag
Diagnosis current
VRSP open, VRSN short to GND, diag mode
45
60
75
µA
VRSP/VRSN
VOL
Open load threshold
Diag mode
2.65
2.80 3.0
V
VRSP/VRSN
VS2G
Short to ground threshold
Diag mode
1.15
1.25 1.35
V
VRSP/VRSN
VS2B
Short to battery threshold
Diag mode (=VclampH)
3.1
3.3
3.5
V
VRSP/VRSN
1. Guaranteed by design.
15.2
VRS - Normal mode
The VRS normal mode is set with VRS_EN_DIAG=0.
In Normal mode, the circuit can be configured as the one reported in Figure 33. VRS block diagram - Normal
operating mode. It allows decoding the VRS signal while flying wheel is in rotation.
Due to high variability of the input signal (±200 V), the input is clamped in the range [VclampH:VclampL] if the IC
is supplied or to VCLAMPH_OFF if the IC is not supplied; current through VRSP and VRSN is limited by external
resistor on each pin in order to allow the analog circuitry processing the signal itself. Moreover, the sensor input
pins have an input common mode, VCM_norm.
The preconditioned input signal is then processed by a zero-crossing comparator, which toggles at each transition
of the input signal.
L9966
VRS - Normal mode
DS12459 - Rev 10
page 63/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com