Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 32Page - STMicroelectronics L9966 Datasheet HTML 33Page - STMicroelectronics L9966 Datasheet HTML 34Page - STMicroelectronics L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
8.2
ADC2: resistance measurement
The device implements a dedicated function to perform high precision resistance measurements connected
between analog input pin IO[12:1] and ground. In Figure 17 a simplified circuit is reported..
Figure 17. Simplified circuit for resistance measurement
GADG0801180852PS
A wide measurement range is allowed by selecting the pull-up external reference resistors.
Digital out is RPD/RRx represented over 15 bits fixed point number (4 bits integer, 11 bits fractional). The result
from the SPI register needs then to be divided by 2048.
RPD=ADC2_RESULT
2048 *RRx
In order to reach the best accuracy, calibration of ADC, both ADC1 and ADC2, has to be activated by setting
CALIB_SEL to ‘1’. Calibration feature is guaranteed in case calibration fault CALIB_FLT flag in GEN_STATUS
register is not set.
By default the calibration is disabled (CALIB_SEL = ‘0’): the status of the CALIB_FLT flag should be verified, then
the calibration eventually enabled or kept disabled accordingly.
Depending on the selected external pull-up resistance RRx, a specific settling time has to be considered (see
Table 23. ADC2 parameters). Bit CT_PUx[3:0] in ADC_TIMING register can be used to set the proper settling
time for each pull up resistance selected (RRx).
Best accuracy is achieved when RPD/RRx is close to 1.
Table 23. ADC2 parameters
Symbol
Parameter
Condition
Min Typ Max Unit
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
RMEASrange
Resistance measurement range -
50
400K
Ω
RMEASacc_L
Total resistance measurement
accuracy
0.1<RPD/RRx<8
50 to 2K, RRx = 470 Ω Excl. external pull-up RRx
precision No ratiometric comparator running
CALIB_FLT=0 and CALIB_SEL=1
-
-
1.5
%
RMEASacc_M
Total resistance measurement
accuracy
0.1<RPD/RRx<8
2K to 30K, RRx = 9 kΩ Excl. external pull-up RRx
precision No ratiometric comparator running
CALIB_FLT=0 and CALIB_SEL=1
-
-
1.5
%
L9966
ADC2: resistance measurement
DS12459 - Rev 10
page 36/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com