Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 51Page - STMicroelectronics L9966 Datasheet HTML 52Page - STMicroelectronics L9966 Datasheet HTML 53Page - STMicroelectronics L9966 Datasheet HTML 54Page - STMicroelectronics L9966 Datasheet HTML 55Page - STMicroelectronics L9966 Datasheet HTML 56Page - STMicroelectronics L9966 Datasheet HTML 57Page - STMicroelectronics L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
Bit
Function/Meaning
TRANS_F = 1: previous transfer was recognized as not valid (only if chip address is recognized)
[23:16] Blind address echo
[15] PAR_MISO_DATA
Odd parity bit of data computed over [15:0]
‘1’ in case of wrong instruction code detected
[14:0] read data or
previous content of register in case of write access
'7FFFhex' in case of wrong instruction code detected
13.5
Burst mode
The burst mode has the advantage to transfer more data in less time: only one 16 bits instruction has to be sent
during the transfer. As long as the CS is low and a clock is provided, data can be transferred. The burst mode can
be used for both write and read access of registers.
A write access in burst mode (bit[29]=1, see Figure 28. Write burst mode frames) consists of:
•
first 16 bits instruction on MOSI line
•
following m*16 bits data to be written in the consecutively addressed registers on MOSI line
•
first check byte + TRANS_F + blind echo of register address on MISO line
•
following m*16 bits previous register content on MISO line
Figure 28. Write burst mode frames
CS
SI
SO
16 bit instruction
16 bit data
Check Byte
zz + 14 bit
previous register
content
16 bit data
previous register
content
…..
…..
check correct number
of SCLK cycles (16+m*16)
GADG1001181326PS
A read access in burst mode (bit[29]=0, see Figure 29. Read burst mode frames) consists of:
•
first 16-bit instruction on MOSI line
•
following m*16 bit don’t care on MOSI line
•
first check byte + TRANS_F + blind echo of register address on MISO line
•
m*16 bit data corresponding to the content of consecutively addressed registers on MISO line
Figure 29. Read burst mode frames
CS
SI
SO
16 bit instruction
xxxxxxxxxxxxxxxx
Check Byte
zz + 14 bit
16 bit data
xxxxxxxxxxxxxxxx
16 bit data
…..
…..
check correct number
of SCLK cycles (16+m*16)
GADG1001181504PS
L9966
Burst mode
DS12459 - Rev 10
page 55/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com