Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 84Page - STMicroelectronics L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics L9966 Datasheet HTML 89Page - STMicroelectronics L9966 Datasheet HTML 90Page - STMicroelectronics L9966 Datasheet HTML 91Page - STMicroelectronics L9966 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
16.10
DWT_VOLT_SRC_LSF_CTRL
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
0b0011_0001
Description:
Dewetting voltage source register
Table 62. DWT_VOLT_SRC_LSF_CTRL register bit description
Range
Field name/description
Reset Value Reset Event
[15] Parity
Default
[14:13] RESERVED
00
PORn
[12:9] LSF_MDx(x=9:12)
CH 9-12 binary lambda mode
0: Binary lambda mode disabled
1: Binary lambda mode enabled
0000
PORn
RSTn
[8] RESERVED
0
PORn
[7:5] DWT
Dewetting timer time configuration
000: 2 ms
001: 16 ms
010: 64 ms
011: 128 ms
100: 256 ms
101: 512 ms
110: 1024 ms
111: 2048 ms
000
PORn
RSTn
[4:0] VVAR_V
Channel variable voltage source selection (50 mV steps in limited range 800 mV -
1900 mV)
00000: 800 mV;
00001: 850 mV.
00010: 900 mV
10110: 1900 mV
…
11111: 1900 mV
0_0000
PORn
RSTn
Every writing access to DWT_VOLT_SRC_LSF_CTRL has impact on IO[12:9] configuration that is automatically
reset:
L9966
DWT_VOLT_SRC_LSF_CTRL
DS12459 - Rev 10
page 88/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com