Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 55Page - STMicroelectronics L9966 Datasheet HTML 56Page - STMicroelectronics L9966 Datasheet HTML 57Page - STMicroelectronics L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
14
Output
14.1
Analog output AOX
AOX buffer is a rail to rail buffer capable of outputting the analog IO[12:1] voltage to AOX output pin through
an internal analog multiplexer. The channel being fed to the AOX output is selected by RAOX[3:0] bit on the
SWITCH_ROUTE register. The default state of the AOX is HiZ with no connection to any IO channel.
Table 40. AOX electrical parameters
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VoutH
Output high level
Input 0 V to 5 V
Iload |200 µA|
VDD5-0.1
-
-
V
AOX
VoutL
Output low level
Input 0 V to 5V
Iload |200 µA|
-
-
0.1
V
AOX
AOXerr AOX input/output offset error
Input voltage range
0.04 V – (VDD5-20 mV), outside this range offset is 13 mV (1)
-5
-
+5
mV AOX
1. Guaranteed by design.
AOX pin output voltage follows the input voltage with AOXerr offset in range defined in Table 40. AOX electrical
parameters.
The AOX pin is designed to drive an RC low pass filter with 10 kΩ min resistor followed by a capacitor towards
ground.
Bandwidth is limited by FlexInput analog IO input filter time constant ADC1tau_1_12 (see Table 21. ADC analog
constant time).
In addition to the analog IO[12:1] the following internal voltages can be routed on AOX for ASIC functionality
monitoring: internal Band Gap, ADCx reference voltage, VRSP, see Table 41. Signal routed on AOX.
Table 41. Signal routed on AOX
Symbol
Parameter
Condition
Min
Typ
Max
Unit
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VBG_INT
Internal band gap
Design info
-5%
1.24
5%
V
VREF
ADCx reference voltage
Design info 5V_REF = 5 V
-1%
1.25
1%
V
VRSP
VRSP voltage gain
RAOX[3:0] = 0xF
-2%
1
2%
V/V
14.2
Digital outputs SENTx_GTMx
SENTx_GTMx buffers can be configured for digital signal routing; in such a case the buffers can be configured as
output for digital signal routing. In such case the state of the comparators properly programmed for each IOx will
set the output state..
Digital routing to SENTx_GTMx buffer is configured through GTM_TO_SENT_ROUTE_1_2 and
GTM_TO_SENT_ROUTE_3_4 registers. By default, SENT4_GTM4 is connected to IO15, while the remaining
buffers are in HiZ.
Once an Input channel is routed on SENTx_GTMx, the output depends on the thresholds selected for that specific
IOx, either absolute or ratiometric.
L9966
Output
DS12459 - Rev 10
page 59/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com