Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 75Page - STMicroelectronics L9966 Datasheet HTML 76Page - STMicroelectronics L9966 Datasheet HTML 77Page - STMicroelectronics L9966 Datasheet HTML 78Page - STMicroelectronics L9966 Datasheet HTML 79Page - STMicroelectronics L9966 Datasheet HTML 80Page - STMicroelectronics L9966 Datasheet HTML 81Page - STMicroelectronics L9966 Datasheet HTML 82Page - STMicroelectronics L9966 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
Range
Field name/description
Reset Value Reset Event
001: PullUPVPRE (CS=1) - HighZ (CS=0)
010: PullUp 5V_REF (CS=1) - HighZ (CS=0)
011: PullUpVVAR (CS=1) - HighZ (CS=0)
100: PullDown (CS=1) - HighZ (CS=0)
101: PullUPVPRE (CS=1) - PullDown (CS=0)
110: PullUp 5V_REF (CS=1) - PullDown (CS=0)
111: PullUpVVAR (CS=1) - PullDown (CS=0)
IO[15:13] PU only to VPRE; VVAR or 5V_REF automatically redirected to VPRE
[0]
MODE
Invert control channel polarity to obtain CONTROL SIGNAL
0: not inverted
1: inverted
0
PORn
RSTn
Table 57. CURR_SRC_CTRL_[1:4] register bit description (when R20K_SENT_x = 1)
Range
Field name/description
Reset Value
Reset Event
[15] Parity
[14:11] CIS[3:0]: 0000 (read only field)
0000
PORn
RSTn
[10:9]
CTR: Comparator threshold
00: Uth1
01: Uth2
10: Uth3
11: Uth Ratiometric
00
PORn
RSTn
[8:6] CV[2:0]: 000 (read only field)
000
PORn
RSTn
[5:4] CV_DW[1:0]: 11 (read only field)
11
PORn
RSTn
[3:1] SEL[2:0]=000 (read only field)
000
PORn
RSTn
[0] MODE=0 (read only field)
0
PORn
RSTn
L9966
CURR_SRC_CTRL_[1:4]
DS12459 - Rev 10
page 79/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com