Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
Tested at open load, current source = Ipu_7 (Voltage slope on
IO depends on current selected and load on the IO)
Internal back to back diode is implemented on each FlexInput channel to avoid pulling up of UBSW by FlexInput
short to a high external source.
Pull-up voltage for digital channels is limited to VPRE only: neither 5V_REF nor VVAR voltage limitations are
applied on digital IOs. Conversely, all three of them (VPRE, 5V_REF and VVAR) can be applied to the analog
channels.
Output load is 6.8 nF (+/-20%), ESR max = 1 Ω + external wiring and sensor capacitance. On pins which can be
routed to SENT sensors, the load can also be 82 pF//(2.2 nF+560 Ω) + wire and sensor capacitance.
Pull Up current values are reported in Table 14. IOx saturation voltages with respect to VPRE are reported in
Table 15.
Table 14. Pull up current value
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
Ipu_7
Pull up current
Current source code [CV2,CV1,CV0]=111, pull-up current to
VPRE (to 5V_REF or VVAR only for IO1-12)
-20% 20 +20% mA
IO1-15
Ipu_6
Pull up current
Current source code [CV2,CV1,CV0]=110, pull-up current to
VPRE (to 5V_REF or VVAR only for IO1-12)
-20% 10 +20% mA
IO1-15
Ipu_5
Pull up current
Current source code [CV2,CV1,CV0]=101, pull-up current to
VPRE (to 5V_REF or VVAR only for IO1-12)
-20%
5
+20% mA
IO1-15
Ipu_4
Pull up current
Current source code [CV2,CV1,CV0]=100, pull-up current to
VPRE (to 5V_REF or VVAR only for IO1-12)
-20%
1
+20% mA
IO1-15
Ipu_3
Pull up current
Current source code [CV2,CV1,CV0]=011, pull-up current to
VVAR 5V_REF, VPRE
-20% 500 +20%
uA
IO1-8
Ipu_3_lambda(1)
Pull up current
Current source code [CV2,CV1,CV0]=011,pull-up current to
VVAR, 5V_REF, VPRE
450
500
550
µA
IO9-12
Ipu_3_lambda1
Pull up current
Current source code [CV2,CV1,CV0]=011, pull-up current to
VPRE
-20% 500 +20%
µA
IO13- 15
Ipu_2
Pull up current
Current source code [CV2,CV1,CV0]=010, pull-up current to
VPRE (to 5V_REF or VVAR only for IO1-12)
-20% 250 +20%
µA
IO1-15
Ipu_1
Pull up current
Current source code [CV2,CV1,CV0]=001, to VPRE (5V_REF
or VVAR in case IO[8:1])
-20% 20 +20%
µA
IO1-8;
IO13-15
Ipu_1
Pull up current
Current source code [CV2,CV1,CV0]=001 to VPRE, 5V_REF
or VVAR
16
20
22
µA
IO9-12
Ipu_0
Pull up current
Current source code [CV2,CV1,CV0]=000 pull-up current to
5V_REF, VPRE
-21% 7.5 +21%
µA
IO1-12
Ipu_0
Pull up current
Current source code [CV2,CV1,CV0]=000 pull-up current to
VPRE(2)
-25% 7.5 +25%
µA
IO13-15
Ipu_0_lambdaVVAR Pull up current
Current source code [CV2,CV1,CV0]=000 pull-up current to
VVAR
-50%
1
+50%
µA
IO1-12
1. Ipu_3_lambda IO9-12 is the reference current for trimming.
2. In case of minimum current selection on IO[15:13], pull up voltage reaches VPRE only in case of UTh2 or
UTh_ratio is configured.
The above current ranges can be guaranteed only if sufficient headroom is available with respect to the pull-up
reference voltage. In case of VPRE, Table 15. Pull up saturation voltage shows the different voltage ranges and
the relative current capability.
In case 5V_REF or VVAR are selected, the above current ranges are guaranteed for all voltage ranges from 0V to
5V_REF or VVAR.
L9966
Pull-up current programming
DS12459 - Rev 10
page 24/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com