Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 82Page - STMicroelectronics L9966 Datasheet HTML 83Page - STMicroelectronics L9966 Datasheet HTML 84Page - STMicroelectronics L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics L9966 Datasheet HTML 89Page - STMicroelectronics L9966 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 122 page
background image
16.9
SWITCH_ROUTE / GTM_AOX_RSENT_CONF
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
0b0011_0000
Description:
Current Source Control Register
Table 61. SWITCH_ROUTE / GTM_AOX_RSENT_CONF register bit description
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14] RESERVED
0
PORn
[13]
AUX_EVENCH
Control channel selection for even numbered channels when CIS==x (see register
CURR_SRC_CTRL_x)
0: VRS
1: CTRL_CFG
1
PORn
RSTn
[12]
AUX_ODDCH
Control channel selection for odd numbered channels when CIS==x (see register
CURR_SRC_CTRL_x)
0: VRS
1: CTRL_CFG
0
PORn
RSTn
[11:8]
DIG_FIL_[4-1]
1 µs digital filter enable
0: not enable
1: enable
0 if RSENT_x=0
1 if RSENT_x=1
PORn
[7:4]
RAOX_[3-0]
AOX channel source
0000: AOX to HiZ
0001: Channel 1
….
1100: Channel 12
1101: Band Gap (internal voltage, 1.24 V Tamb)
1110: internal ADCx reference achieved partitioning 5 V_REF pin, (1.25 V assuming
5V_REF = 5 V)
1111: VSRP
0000
PORn
RSTn
[3:0]
RSENT_[4-1]
SENT Channel enable
xxx1: SENT on channel 1 enabled
0000
PORn
RSTn
L9966
SWITCH_ROUTE / GTM_AOX_RSENT_CONF
DS12459 - Rev 10
page 86/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com