Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics L9966 Datasheet HTML 26Page - STMicroelectronics L9966 Datasheet HTML 27Page - STMicroelectronics L9966 Datasheet HTML 28Page - STMicroelectronics L9966 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
Maximum total output current through pull up IO has to be limited to 100 mA, that means five IO channels
switched on at the same time with 20 mA nominal current or 10 IO with channels switched on at the same time
with 10 mA nominal current.
This is related to max power dissipation. Maximum junction temperature is of 150 °C.
Table 15. Pull up saturation voltage
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VPUsat
Pull up voltage range
Output current is guaranteed to be non-zero
VPRE-0.2
-
-
V
IO5-15
VPUsat
Pull up voltage range
Output current is guaranteed to be non-zero
VPRE-0.25
-
-
V
IO1-4
VPUsat (1) Pull up voltage range
Output current is guaranteed to be at least 10% of
the nominal value (e.g. > 1.6 mA for Ipu_7)
VPRE*90%
-
VPRE-0.2
V
IO5-15
VPUsat(1) Pull up voltage range
Output current is guaranteed to be at least 10% of
the nominal value (e.g. > 1.6 mA for Ipu_7)
VPRE*80%
-
VPRE-0.25
V
IO1-4
VPUsat
Pull up voltage range, Ipu_x
x>1
Output current is guaranteed to be within nominal
range
-
-
VPRE*90%
V
IO5-15
VPUsat
Pull up voltage range, Ipu_x
x>1
Output current is guaranteed to be within nominal
range
-
-
VPRE*80%
V
IO1-4
VPUsat
Pull up voltage range Ipu_0,
Ipu_1
Output current is guaranteed to be within nominal
range
-
-
VPRE-1.5
V
IO1-15
IPUlkg
Output leakage current
Input voltage: 0 V to UBSW (input channel
disabled)
-
200
nA
IO1-15
1. In case of I_pu_0 and I_pu_1, VPUsat max is limited to VPRE-1.5 V because low drop circuit is not
implemented for I_pu_0 and I_pu_1. It means that with UBSW=7.5 V current is guaranteed with VIO <=6 V
L9966
Pull-up current programming
DS12459 - Rev 10
page 25/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com