Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 58Page - STMicroelectronics L9966 Datasheet HTML 59Page - STMicroelectronics L9966 Datasheet HTML 60Page - STMicroelectronics L9966 Datasheet HTML 61Page - STMicroelectronics L9966 Datasheet HTML 62Page - STMicroelectronics L9966 Datasheet HTML 63Page - STMicroelectronics L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
15
Inductive sensor interface
The interface handles signals coming from inductive sensors or Hall Effect sensors. The interface feeds the digital
signal to microcontroller that extracts flying wheel rotational position, angular speed and acceleration.
15.1
VRS interface
VRS interface runs either in normal mode to convert the input differential voltage or in diagnostic mode to
detect eventual short to ground, short to battery or open condition at sensor pins. In order to guarantee a better
coverage, VRSP pin can be routed on AOX pin. Figure 32. VRS interface block diagram shows the main parts
inside VRS block and, in red, the internal connection in case of active diagnostic mode.
Figure 32. VRS interface block diagram
GADG1101180948PS
Operating mode is defined in VRS register through VRS_EN_DIAG bit: when VRS_EN_DIAG=0, VRS block is set
in normal mode; when VRS_EN_DIAG=1 the VRS diagnosis mode is activated.
VRSP or VRSN pins are equipped with a clamp at VclampH and VclampL.
In case of activation of clamp both on VRSP and VRSN, it is guaranteed by design that VRSP voltage is higher
than VRSN.
Table 45. VRS electrical parameters
Symbol
Parameter
Condition
Min
Typ Max Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
VCM_norm Input common mode voltage level Open load
1
1.6
2.2
V
VRSP/VRSN
VclampH
Input signal high clamping voltage
NORMAL state
NORMAL state, max input current 20 mA
3.1
3.3
3.5
V
VRSP/VRSN
VclampH_OFF
Input signal high clamping voltage
OFF condition
OFF condition
-
-
3
V
VRSP/VRSN
VclampL
Input signal low clamping voltage
Max input current 20 mA
-1.5
-0.6 -0.3
V
VRSP/VRSN
L9966
Inductive sensor interface
DS12459 - Rev 10
page 62/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com