Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 80Page - STMicroelectronics L9966 Datasheet HTML 81Page - STMicroelectronics L9966 Datasheet HTML 82Page - STMicroelectronics L9966 Datasheet HTML 83Page - STMicroelectronics L9966 Datasheet HTML 84Page - STMicroelectronics L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
16.8
CURR_SRC_CTRL_[13:15]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
0010_1101 up to 0010_1111
Description:
Current source control register
Table 60. CURR_SRC_CTRL_[13:15] register bit description
Range
Field name/description
Reset Value Reset Event
[15] Parity
Default
[14:11]
CIS[3:0]: Control channel selection (read/write field)
0000: Force to 0
0001: Channel 1
….
CIS == x: Select VRS or CTRL_CFG according to bit AUX_EVENCH or AUX_ODDCH
1111: Channel 15
0000
PORn
RSTn
[10:9]
CTR: Comparator threshold
00: Uth1
01: Uth2
10: Uth3
11: Uth Ratiometric
00
PORn
RSTn
[8:6]
CV[2:0] Current source value
000: 7.5 µA (PU) - 1uA (PU-VVAR) - 600uA(PD)
001: 20 µA (PU) - 20 µA (PD)
010: 250 µA (PU) - 100 µA (PD)
011: 500 µA (PU) - 500 µA (PD)
100: 1 mA (PU) - 1mA (PD)
101: 5 mA (PU) - 5mA (PD)
110: 1 0mA (PU) - 10mA (PD)
111: 2 0mA (PU) - 20mA (PD)
000
PORn
RSTn
[5:4]
CV_DW: Current source value during dewetting phase
00: 5 mA
01: 10 mA
10: 20 mA
11: current source value as from CV[2:0]
11
PORn
RSTn
[3:1]
SEL[2:0]: Pull-up/pull-down selection (CS=Control Signal)
000: HighZ (CS=1) - HighZ (CS=0)
001: PullUpVPRE (CS=1) - HighZ (CS=0)
000
PORn
RSTn
L9966
CURR_SRC_CTRL_[13:15]
DS12459 - Rev 10
page 84/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com