Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 25Page - Renesas Technology Corp ISL81601 Datasheet HTML 26Page - Renesas Technology Corp ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
FN9299 Rev.3.1
Page 29 of 53
May 27, 2021
ISL81601
5. Functional Description
5.5.1
Output Voltage Regulation Loop
The ISL81601 provides a precision 0.8V internal reference voltage to set the output voltage. Based on this
internal reference, the output voltage can be set from 0.8V up to a level determined by the feedback voltage
divider, as shown in Figure 43.
A resistive divider from the output to ground sets the output voltage. Connect the center point of the divider to
the FB_OUT pin. The output voltage value is determined by Equation 5.
where RFBO1 is the top resistor of the feedback divider network and RFBO2 is the bottom resistor connected
from FB_OUT to ground, shown in Figure 43.
Figure 43. Output Voltage Regulator
As shown in Figure 43, the RCOMP, CCOMP1, and CCOMP2 network connected on the Gm1 regulator output
COMP pin is needed to compensate the loop for stable operation. The loop stability can be affected by many
different factors such as VIN, VOUT, load current, switching frequency, inductor value, output capacitance and
the compensation network on COMP pin. For most applications 22nF is a good value for CCOMP1. A larger
CCOMP1 makes the loop more stable by giving a larger phase margin, but the loop bandwidth is lower. CCOMP2
is typically 1/10th to 1/30th of CCOMP1 to filter high frequency noise. A good starting value for RCOMP is 10k.
Lower RCOMP improves stability but slows the loop response. Optimize the final compensation network with a
bench test.
5.5.2
Input Voltage Regulation Loop
As shown in Figure 44 on page 30, the input voltage VIN can be sensed by the FB_IN pin using a resistor
divider RFBIN1/RFBIN2 and regulated by Gm2. When the FB_IN pin voltage falls below the 0.8V reference
voltage, the COMP pin voltage is pulled low to reduce the PWM duty cycle and thus the input current. For
applications with a high input source impedance, such as a solar panel, the input voltage regulation loop can
prevent the input voltage from being pulled too low in high output load conditions. For applications with a low
input source impedance, such as batteries, the VIN feedback loop can prevent the battery from being over-
discharged. For applications with loads on the VIN supply, such as a DC back up system, the input voltage
regulation loop can reduce the input current to negative area to reverse power conversion direction to discharge
the backup battery or super capacitor to supply a regulated VIN for the loads. The regulated input voltage value
is determined by Equation 6.
VOUT
0.8V
RFBO1 RFBO2
+
RFBO2
---------------------------------------------



=
(EQ. 5)
COMP
FB_OUT
+
_
+
_
0.8V
REF
GM1
VOUT
RFBO1
RFBO2
RCOMP
CCOMP1
CCOMP2
VIN
0.8V
RFBIN1 RFBIN2
+
RFBIN2
------------------------------------------------



=
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com