Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
FN9299 Rev.3.1
Page 9 of 53
May 27, 2021
ISL81601
2. Pin Information
2.
Pin Information
2.1
Pin Assignments
32 Ld 5x5 QFN
Top View
38 Ld HTSSOP
Top View
VDD
RT/SYNC
PHASE2
PGND
LG1/
PWM_MODE
PHASE1
BOOT1
EPAD
SGND
VCC5V
PLL_COMP
BOOT2
LG2/
OC_MODE
28
27
26
25
24
22
23
15
16
17
18
19
20
21
1
2
3
4
5
6
7
8
910
11
12
13
14
FB_IN
CLKOUT/
DITHER
BSTEN
29
30
31
32
SS/TRK
NC
EXTBIAS
VDD
NC
RT/SYNC
FB_OUT
PGOOD
PHASE2
PGND
LG1/
PWM_MODE
PHASE1
UG1
BOOT1
VIN
COMP
EPAD
VCC5V
PLL_COMP
ISEN-
ISEN+
CS1-
CS1+
UG2
BOOT2
LG2/
OC_MODE
31
32
33
34
35
1
2
3
4
5
6
7
8
FB_IN
IMON_OUT
CLKOUT/
DITHER
EN/UVLO
IMON_IN
OV
SS/TRK
NC
SGND
9
10
11
12
13
14
15
16
23
24
25
26
27
30
28
29
36
37
38
17
18
19
20
21
22
CLKEN
BSTEN
NC
NC
NC
NC
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com