Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 27Page - Renesas Technology Corp ISL81601 Datasheet HTML 28Page - Renesas Technology Corp ISL81601 Datasheet HTML 29Page - Renesas Technology Corp ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
FN9299 Rev.3.1
Page 31 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 45. Input and Output Average Current Monitoring and Regulation Loops
By connecting resistor RIM_IN and RIM_OUT on the IMON_IN and IMON_OUT pins, the ICS and IISEN current
signals are transferred to voltage signals. The RC networks on the IMON_IN and IMON_OUT pins
RIM_IN1/CIM_IN1/CIM_IN2 and RIM_OUT1/CIM_OUT1/CIM_OUT2 are needed to remove the AC content in the ICS
and IISEN signals and ensure stable loop operation. The average voltages at the IMON_IN and IMON_OUT
pins are regulated to 1.2V by Gm3 and Gm4 for constant input and output current control.
The input constant current loop set point IINCC is calculated by Equation 9. Refer to VAVOCP_CS on page 19 in
the Electrical Specifications table to estimate the set point tolerance.
The output constant current loop set point IOUTCC is calculated by Equation 10. Refer to VAVOCP_ISEN on
page 19 in the Electrical Specifications table on to estimate the set point tolerance.
Similar to the voltage control loops, the average current loop stability can be affected by many different factors
such as VIN, VOUT, switching frequency, inductor value, output and input capacitance, and the RC network on
the IMON_IN or IMON_OUT pin. Due to the high AC content in ICS and IISEN, large CIM_IN1 and CIM_OUT1
are needed. Larger CIM_IN1 and CIM_OUT1 can also make the loop more stable by giving a larger phase margin,
but the loop bandwidth is lower. For most applications 47nF is a good value for CIM_IN1 and CIM_OUT1.
CIM_IN2 and CIM_OUT2 are typically 1/10th to 1/30th of CIM_IN1 and CIM_OUT1 to filter high frequency noise.
RIM_IN1 and RIM_OUT1 are needed to boost the phase margin. A good starting value for RIM_IN1 and RIM_OUT1
is 5k. Optimize the final compensation network with iSim simulation and bench testing.
CS+
IMON_OUT
CS-
A1
+
_
COMP
ISEN+
ISEN-
+
_
1.2V
Gm3
Gm4
IMON_IN
Q1
Q3
VIN
VOUT
Q2
Q4
RS_IN
RS_OUT
L
UG1
LG1
UG2
LG2
PH1
PH2
A2
1.2V
RIM_IN
RIM_OUT
RIM_IN1
CIM_IN1
CIM_IN2
CIM_OUT2
CIM_OUT1
RIM_OUT1
RS_IN1
RS_IN2
CS_IN1
CS_IN2
CS_OUT1
CS_OUT2
RS_OUT1
RS_OUT2
VCS_OFFSET
VISEN_OFFSET
Ics
IISEN
IINCC
1.2 ICSOFFSET
–
xRIM_IN
RIM_INxRS_INxGmCS
----------------------------------------------------------------------
=
(EQ. 9)
IOUTCC
1.2 IISENOFFSET
–
xRIM_OUT
RIM_OUTxRS_OUTxGmISEN
---------------------------------------------------------------------------------
=
(EQ. 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com