Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL81601 Datasheet HTML 1Page - Renesas Technology Corp ISL81601 Datasheet HTML 2Page - Renesas Technology Corp ISL81601 Datasheet HTML 3Page - Renesas Technology Corp ISL81601 Datasheet HTML 4Page - Renesas Technology Corp ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
FN9299 Rev.3.1
Page 1 of 53
May 27, 2021
© 2018 Renesas Electronics
FN9299
Rev.3.1
May 27, 2021
ISL81601
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
DATASHEET
The ISL81601 is a true bidirectional 4-switch
synchronous buck-boost controller with peak and
average current sensing and monitoring at both ends. Its
wide input and output voltage ranges make it suitable for
industrial, telecommunication, and after-market
automotive applications.
The ISL81601 uses the proprietary buck-boost control
algorithm with valley current modulation for Boost mode
and peak current modulation for Buck mode control.
The ISL81601 has four independent control loops for input
and output voltages and currents. Inherent peak current
sensing at both ends and cycle-by-cycle current limit of
this family of products ensures high operational reliability
by providing instant current limit in fast transient
conditions at either ends and in both directions. It also has
two current monitoring pins at both input and output to
facilitate Constant Current (CC) limit and other system
management functions. CC operation down to low
voltages avoids any runaway condition at over load or
short-circuit conditions. In addition to multilayer
overcurrent protection, it also provides full protection
features such as OVP, UVP, OTP, and average and peak
current limit on both input and output to ensure high
reliability in both unidirectional and bidirectional
operation. The IC is packaged in a space conscious 32 Ld
5mm x5mm QFN package or easy to assemble
4.4mmx9.7mm 38 Ld HTSSOP package. Both packages
use an EPAD to improve thermal dissipation and noise
immunity. Low pin count, fewer external components, and
default internal values make the ISL81601 an ideal
solution for quick to market simple power supply designs.
The unique DE/Burst mode at light-load dramatically
lowers standby power consumption with consistent output
ripple over different load levels.
Features
• Single inductor 4-switch buck-boost controller
• On-the-fly bidirectional operation with independent
control of voltage and current on both ends
• Proprietary algorithm for smoothest mode transition
• MOSFET drivers with adaptive shoot-through
protection
• Wide input voltage range: 4.5V to 60V
• Wide output voltage range: 0.8V to 60V
• Supports pre-biased output with SR soft-start
• Programmable frequency: 100kHz to 600kHz
• Supports parallel operation current sharing with
cascade phase interleaving
• External sync with clock out or frequency dithering
• External bias for higher efficiency supports 8V - 36V
input
• Output and input current monitor
• Selectable PWM mode operation between
PWM/DE/Burst modes
• Accurate EN/UVLO and PGOOD indicator
• Low shutdown current: 2.7µA
• Complete protection: OCP, SCP, OVP, OTP, and UVP
• Dual-level OCP protection with average current
and pulse-by-pulse peak current limit
• Selectable OCP response with either hiccup or
constant current mode
• Negative pulse-by-pulse peak current limit
Applications
• Battery backup
• UPS/storage systems
• Battery powered industrial applications
• Renewable energy
• Aftermarket automotive
• Redundant power supplies
• Robot and drones
• Medical equipment
• Building and industrial automation
• Security surveillance
Figure 1. Buck-Boost Power Train Topology
Q1
Q3
VIN
VOUT
Q2
Q4
Rs_in
Rs_out
L
UG1
LG1
UG2
LG2
PH1
PH2


Similar Part No. - ISL81601

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
ISL81601 RENESAS-ISL81601 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Mar 8, 2024
More results

Similar Description - ISL81601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com