Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
FN9299 Rev.3.1
Page 15 of 53
May 27, 2021
ISL81601
3. Specifications
VIN UVLO
VIN Rising UVLO Threshold (Note 10)VUVLOTHR
VIN voltage, 0mA on VCC5V and VDD
3.20
3.50
3.85
V
VIN Falling UVLO Threshold
VUVLOTHF
VIN voltage, 0mA on VCC5V and VDD
3.0
3.2
3.4
V
VCC5V Power-On Reset
VCC5V Rising POR Threshold
VPORTHR
VCC5V voltage, 0mA on VCC5V and VDD
3.7
4.0
4.3
V
VCC5V Falling POR Threshold
VPORTHF
VCC5V voltage, 0mA on VCC5V and VDD
3.30
3.55
3.75
V
EN/UVLO Threshold
EN Rise Threshold
VENSS_THR
VIN > 5.6V
0.75
1.05
1.30
V
EN Fall Threshold
VENSS_THF
VIN > 5.6V
0.60
0.90
1.10
V
EN Hysteresis
VENSS_HYST
VIN > 5.6V
70
150
300
mV
UVLO Rise Threshold
VUVLO_THR
VIN > 5.6V
1.77
1.80
1.83
V
UVLO Hysteresis Current
IUVLO_HYST
VIN = 12V, EN/UVLO = 1.815V
2.5
4.2
5.5
µA
Soft-Start Current
SS/TRK Soft-Start Charge Current
ISS
SS/TRK = 0V
2.00
µA
Default Internal Minimum Soft-Starting
Default Internal Output Ramping Time
tSS_MIN
SS/TRK open
1.7
ms
Power-Good Monitors
PGOOD Upper Threshold
VPGOV
107
109
112
%
PGOOD Lower Threshold
VPGUV
87
90
92
%
PGOOD Low Level Voltage
VPGLOW
I_SINK = 2mA
0.35
V
PGOOD Leakage Current
IPGLKG
PGOOD = 5V
0
150
nA
PGOOD Timing
VOUT Rising Threshold to PGOOD
Rising (Note 9)
tPGR
1.1
5
ms
VOUT Falling Threshold to PGOOD
Falling
tPGF
80
µs
Reference Section
Internal Voltage Loop Reference
Voltage
VREFV
0.800
V
Reference Voltage Accuracy
TA = 0°C to +85°C
-0.75
+0.75
%
TA = -40°C to +125°C
-1.00
+1.00
%
Internal Current Loop Reference
Voltage
VREFI
1.200
V
Reference Voltage Accuracy
TA = 0°C to +85°C
-0.75
+0.75
%
TA = -40°C to +125°C
-1.00
+1.00
%
PWM Controller Error Amplifiers
FB_OUT Pin Bias Current
IFBOUTLKG
-50
0
+50
nA
FB_OUT Error Amp GM
Gm1
1.75
mS
FB_OUT Error Amp Voltage Gain
AV1
82
dB
FB_OUT Error Amp Gain-BW Product
GBW1
8
MHz
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com