Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
FN9299 Rev.3.1
Page 39 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 53. Frequency Dithering Operation
The dither frequency FDITHER can be calculated by Equation 15. Renesas recommends setting CDITHER between
10nF and 1µF. With a too low CDITHER the part may not be able to set to Dither mode. With a higher CDITHER, the
discharge power loss at disable or power off is higher, leading to a higher thermal stress to the internal discharge
circuit.
5.12
Parallel Operation Current Sharing
Multiple ISL81601 controlled buck-boost DC/DC converters can be paralleled to each other in cascade as
described in “Frequency Synchronization and Dithering” on page 38. The currents in the paralleled converters can
be shared by feeding the same connected COMP pin voltage signal to the reference of the current control loops in
each IC. However, the current sharing accuracy is not ideal due to the loose tolerance in RAMP and current sense
circuit settings. To achieve an acceptable current sharing accuracy, an external active current sharing circuit is
recommended, as shown in Figure 54 on page 40.
CLKOUT/
DITHER
CDITHER
ISL81601
FDITHER
1
2.2V
1.05V
a. Frequency Dithering Operation
b. CLKOUT/DITHER Pin Voltage Waveform in Dither Operation
FDITHER
3.865x10e 6

CDITHER
-----------------------------------------
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com