Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 45Page - Renesas Technology Corp ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp ISL81601 Datasheet HTML 52Page - Renesas Technology Corp ISL81601 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
FN9299 Rev.3.1
Page 49 of 53
May 27, 2021
ISL81601
8. Component Selection Guideline
In Boost mode, the current to the output capacitor is not continuous. The output voltage ripple is much higher as
defined by Equation 33:
where
ILBoost is calculated in Equation 29 on page 48.
Place high frequency decoupling capacitors as close to the power pins of the load as physically possible. Be careful
not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load circuitry for specific decoupling requirements.
Use only specialized low-ESR capacitors intended for switching regulator applications for the bulk capacitors. In most
cases, multiple small case electrolytic capacitors perform better than a single large case capacitor.
The stability requirement on the selection of the output capacitor is that the ESR zero (fZ) is between 2kHz and
60kHz. The ESR zero can help increase phase margin of the control loop.
This requirement is shown in Equation 34:
In conclusion, the output capacitors must meet the following criteria:
• They must have sufficient bulk capacitance to sustain the output voltage during a load transient while the output
inductor current is slewing to the value of the load transient.
• The ESR must be sufficiently low to meet the desired output voltage ripple due to the supplied ripple current.
• The ESR zero should be placed in a large range to provide additional phase margin.
8.4
Input Capacitor Selection
The important parameters for the input capacitor(s) are the voltage rating and the RMS current rating. For reliable
operation, select input capacitors with voltage and current ratings above the maximum input voltage and largest
RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the
maximum input voltage and 1.5 times is a conservative guideline. In Buck mode the AC RMS input current varies
with the load giving in Equation 35:
where DC is duty cycle.
The maximum RMS current supplied by the input capacitance occurs at VIN = 2 X VOUT, DC = 50% as shown in
Equation 36:
In Boost mode, the input current is continuous. The RMS current supplied by the input capacitance is much
smaller.
Use a mix of input bypass capacitors to control the voltage ripple across the MOSFETs. Use ceramic capacitors for
the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors can be
placed very close to the MOSFETs to suppress the voltage induced in the parasitic circuit impedances.
Solid tantalum capacitors can be used, but use caution with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge current at power-up.
VRIPPLE
IOUT
 V
OUT

VIN
----------------------------------------
I
LBoost
2
------------------------
+



ESR

=
(EQ. 33)
COUT
1
2
 ESR
 f
Z

------------------------------------
=
(EQ. 34)
IRMS
DC DC
2
–
IOUT
=
(EQ. 35)
IRMS
1
2
--- IOUT
=
(EQ. 36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com