Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 3Page - Renesas Technology Corp ISL81601 Datasheet HTML 4Page - Renesas Technology Corp ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
FN9299 Rev.3.1
Page 7 of 53
May 27, 2021
ISL81601
1. Overview
1.2
Block Diagram
Figure 6. Block Diagram
POR
Enable
Bias Supplies
Reference
Fault Latch
OVP
HICCUPOCP
FB_OUT
PGOOD EN/UVLO
VIN
VDD
EXTBIAS
FB_OUT
SS/TRK
CS+
2µA
SS/TRK
SS/TRK
+
_
+
_
0.8V
REF
Slope-Comp Ramp
Generator
Clock
RT
SYNC
EPAD
PWM
VOUT
VIN
IMON_OUT
VCC5V
LDO
LDO
LDO
VDD
BOOT1
UG1
PHASE1
LG1
PWM_MODE
PGND
Adaptive Dead Time
Boot Refresh
Logic
VDD
BOOT2
UG2
PHASE2
LG2
OC_MODE
PGND
Adaptive Dead Time
Boot Refresh
Logic
GM1
COMP
CS-
A1
Slope
Compensation
Buck-Boost Logic
PWM Logic
DEM Burst Logic
PWM
Comparator
+
_
COMP
COMP
ISEN+
ISEN-
A2
+
_
VOUT
+
_
PWM
Buck
PWM
Boost
FB_IN
CLKOUT
DITHER
+
_
+
_
0.8V
REF
GM2
1.2V
GM3
GM4
IMON_IN
PLL_COMP
SGND
OV
OV
BSTEN
CLKEN
BSTEN
CLKEN
BSTEN
CLKEN
OV
Pulse-by-Pulse
Negative Peak Current Limit
PGND
+
_
Pulse-by-Pulse
Peak Current Limit
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com