Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 4Page - Renesas Technology Corp ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
FN9299 Rev.3.1
Page 8 of 53
May 27, 2021
ISL81601
1. Overview
1.3
Ordering Information
Part Number
(Notes 2, 3)Part Marking
Package Description
(RoHS Compliant)
Pkg. Dwg. #
Carrier Type
(Note 1)Temp. Range
ISL81601FRZ
81601 FRZ
32 Ld 5x5 QFN
L32.5x5B
Tube
-40 to +125°C
ISL81601FRZ-T
6k
ISL81601FRZ-T7A
250
ISL81601FVEZ
81601 FVEZ
38 Ld HTSSOP
M38.173C
Tube
ISL81601FVEZ-T
2.5k
ISL81601FVEZ-T7A
250
ISL81601EVAL1Z
Evaluation Board for QFN
ISL81601EVAL2Z
Evaluation Board for HTSSOP
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL81601 device page. For more information about MSL, see TB363.
Table 1. Key Differences Between Family of Parts
Part
Number
VIN Op/Max (V)
VDD (V)
Current
Control
Parallelable
Dithering
Removed Pins
Pin 12
ISL81601
60/70
8
Bidirectional
Yes
Yes
None
OV
ISL81401
40/45
5.3
Bidirectional
Yes
Yes
BSTEN, CLKEN
MODE
ISL81401A
40/45
5.3
Unidirectional
No
No
BSTEN, CLKEN,
FIB_IN, CLKOUT
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com