Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp ISL81601 Datasheet HTML 20Page - Renesas Technology Corp ISL81601 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
FN9299 Rev.3.1
Page 17 of 53
May 27, 2021
ISL81601
3. Specifications
IMON_OUT Current
ISEN+ = 12V. ISEN- = 11.96V
25
27.8
29.5
µA
Output Current Sense Voltage to
IMON_OUT Current Source Gain
GmISEN
12V common-mode voltage applied to
ISEN+/- pins, 0mV to 40mV differential
voltage
170
200
220
µS
IMON_OUT Error Amp GM
Gm4
12
µS
IMON_OUT Error Amp Voltage Gain
AV4
72
dB
IMON_OUT Error Amp Gain-BW
Product
GBW4
5
MHz
Switching Frequency and Synchronization
Switching Frequency
fSW
RT = 144kΩ
220
245
265
kHz
RT = 72kΩ
420
450
485
kHz
RT Open or to VCC5V
90
120
145
kHz
RT = 0V
470
575
650
kHz
RT Voltage
VRT
RT = 72kΩ
580
mV
SYNC Synchronization Range
fSYNC
140
600
kHz
SYNC Input Logic High
VSYNCH
3.2
V
SYNC Input Logic Low
VSYNCL
0.5
V
Clock Output and Frequency Dither
CLKOUT Output High
VCLKH
ISOURCE = 1mA, VCC5V = 5V
4.55
V
CLKOUT Output Low
VCLKL
ISINK = 1mA
0.3
V
CLKOUT Frequency
fCLK
RT = 72kΩ
420
450
485
kHz
Dither Mode Setting Current Source
IDITHER_MODE_SO
10
µA
Dither Mode Setting Threshold Low
VDITHER_MODE_L
0.26
V
Dither Mode Setting Threshold High
VDITHER_MODE_H
0.34
V
Dither Source Current
IDITHERSO
8µA
Dither Sink Current
IDITHERSI
10
µA
Dither High Threshold Voltage
VDITHERH
2.2
V
Dither Low Threshold Voltage
VDITHERL
1.05
V
Diode Emulation Mode Detection
LG1/PWM_MODE Current Source
IMODELG1
7.5
10
12.5
µA
LG1/PWM_MODE Threshold Low
VMODETHL
0.26
V
LG1/PWM_MODE Threshold High
VMODETHH
0.34
V
Buck Mode Diode Emulation Phase
Threshold (Note 11)
VCROSS1
VIN = 12V
2
mV
Boost Mode Diode Emulation Shunt
Threshold (Note 12)
VCROSS2
VIN = 12V
-2
mV
Diode Emulation Burst Mode
Burst Mode Enter Threshold
VIMONOUTBSTEN IMON_OUT pin voltage
0.81
0.85
0.89
V
Burst Mode Exit Threshold
VMONOUTBSTEX IMON_OUT pin voltage
0.83
0.88
0.92
V
Burst Mode Peak Current Limit Input
Shunt Set Point
VBST-CS
VCS+ - VCS-, 12V common-mode voltage
applied to CS+/- pins
16
27
39
mV
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com