Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
FN9299 Rev.3.1
Page 14 of 53
May 27, 2021
ISL81601
3. Specifications
3.3
Recommended Operating Conditions
3.4
Electrical Specifications
Parameter
Minimum
Maximum
Unit
Temperature
-40
+125
°C
VIN to GND
4.5
60
V
VCC5V, EN/UVLO, FB_IN to GND
0
5.25
V
VDD to GND
0
8.3
V
EXTBIAS to GND
0
36
V
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 7 and “Typical Application Schematics”
on page 5. VIN = 4.5V to 60V, or VDD = 8V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C, unless
otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
(Note 6)Typ
Max
(Note 6)Unit
VIN Supply
Input Voltage Range
VIN
4.5
60.0
V
VIN Supply Current
Shutdown Current (Note 7)IVINQ
EN = 0V, PGOOD is floating
2.7
6.0
µA
Operating Current (Note 8)IVINOP
PGOOD is floating
4.7
6.0
mA
VCC5V Supply
Internal LDO Output Voltage
VCC5V
VIN = 8V, IL = 0mA
4.70
5.10
5.25
V
VIN = 60V, IL = 0mA
4.70
5.10
5.25
V
VIN = 4.5V, IL = 5mA
4.00
4.25
V
VIN > 5.6V, IL = 10mA
4.65
5.00
V
Maximum Supply Current of
Internal LDO
IVCC_MAX
VVCC5V = 0V, VIN = 8V
120
mA
VDD Supply
Internal LDO Output Voltage
VDD
VIN = 12V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.3
V
VIN = 60V, EXTBIAS = 0V, IL = 0mA
7.5
8.0
8.3
V
VIN = 4.5V, EXTBIAS = 12V, IL = 0mA
7.5
8.0
8.3
V
VIN = 60V, EXTBIAS = 12V, IL = 0mA
7.6
8.0
8.3
V
VIN = 4.5V, EXTBIAS = 0V, IL = 30mA
3.9
4.3
V
VIN = 4.5V, EXTBIAS = 7.8V, IL = 30mA
7.4
7.6
V
VIN > 8.6V, EXTBIAS = 0V, IL = 75mA
7.30
7.85
V
VIN = 4.5V, EXTBIAS > 9.0V, IL = 75mA
7.30
7.85
V
Maximum Supply Current of
Internal LDO
IVDD_MAX
VVDD = 0V, EXTBIAS = 0V, VIN = 12V
120
mA
VVDD= 4.5V, EXTBIAS = 12V, VIN = 4.5V
160
mA
EXTBIAS Supply
Switch Over Threshold Voltage,
Rising
VEXT_THR
EXTBIAS voltage
7.10
7.38
7.55
V
Switch Over Threshold Voltage,
Falling
VEXT_THF
EXTBIAS voltage
6.60
6.85
7.10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com