Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 46Page - Renesas Technology Corp ISL81601 Datasheet HTML 47Page - Renesas Technology Corp ISL81601 Datasheet HTML 48Page - Renesas Technology Corp ISL81601 Datasheet HTML 49Page - Renesas Technology Corp ISL81601 Datasheet HTML 50Page - Renesas Technology Corp ISL81601 Datasheet HTML 51Page - Renesas Technology Corp ISL81601 Datasheet HTML 52Page - Renesas Technology Corp ISL81601 Datasheet HTML 53Page - Renesas Technology Corp ISL81601 Datasheet HTML 54Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
FN9299 Rev.3.1
Page 53 of 53
May 27, 2021
ISL81601
10. Package Outline Drawings
For the most recent package outline drawing, see M38.173C.
M38.173C
38 Lead Heat-Sink Thin Shrink Small Outline Plastic Package (HTSSOP)
Rev 0, 4/10
NOTES:
EXPOSED PAD VIEW
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
9.70±0.10
1.10 MAX
0.50
0.09-0.20
0.05/0.15
38
PIN 1 ID
4
0.90±0.05
SEATING
PLANE
1
2
3
SEE
DETAIL "A"
0.10
D
A-B
C
0.20
CL
C
M
0.08
A-B
5
0.05
3
B
A
D
C
4.4±0.10
6.4
D
C
C
0.17-0.27
4
2X N/2 TIPS
0.25
H
0.6±0.10
LINE
PARTING
(1.00)
12 3
3.20±0.10
4.6±0.10
(0-8°)
(1.30)
(5.80)
(36X 0.50)
(38X 0.28)
(3.20)
(4.60)
SCALE: 30/1
(VIEW ROTATED 90°C.W.)
END VIEW
1. Die thickness allowable is 0.279±0.0127 (0.0110±0.0005 inches).
2. Dimensioning & tolerances per ASME. Y14.5m-1994.
3. Datum plane H located at mold parting line and coincident
with lead where lead exits plastic body at bottom of parting line.
4. At reference datum and does not include mold flash or protrusions,
and is measured at the bottom parting line. Mold flash or protrusions
shall not exceed 0.15mm on the package ends and 0.25mm between
5. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess of
6. This part is compliant with JEDEC specification MO-153 variation BDT-1
the leads.
the lead width dimension at maximum material condition. Dambar
cannot be located on the lower radius or the foot. Minimum space
between protrusions and an adjacent lead should be 0.08mm.
(14°) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com