Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp ISL81601 Datasheet HTML 41Page - Renesas Technology Corp ISL81601 Datasheet HTML 42Page - Renesas Technology Corp ISL81601 Datasheet HTML 43Page - Renesas Technology Corp ISL81601 Datasheet HTML 44Page - Renesas Technology Corp ISL81601 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
FN9299 Rev.3.1
Page 41 of 53
May 27, 2021
ISL81601
5. Functional Description
VIMON_OUT2 - ViSh for U4A. The differential op amp gain and the value of the resistor between the op amp output
and the FB_OUT pin can be defined based on the current sharing accuracy and the allowed max output voltage
change caused by the current sharing loop, assuming the current sense circuit tolerance can be ignored.
The maximum allowed current sharing error can be represented by the max allowed differential op amp input. The
differential op amp outputs a maximum voltage of 5V at its maximum differential input, assuming a rail-to-rail op
amp is used. The differential op amp gain Ksh can be calculated by Equation 17.
where ΔVsh is the maximum allowed differential op amp input voltage, which is proportional to the output current
sharing error ΔIsh = |IOUT1 – IOUT2| / 2. IOUT1 and IOUT2 are the output currents of Converter 1 and 2, respectively.
ΔVsh = ΔIsh x RIM_OUT x RS_OUT x GmISEN, referring to the descriptions in “Input and Output Average Current
Monitoring and Regulation Loops” on page 30.
As shown in Figure 54 on page 40, Ksh = R23/R27 for Converter 1 and Ksh = R56/R58 for Converter 2.
The value Rsh of the resistor between the differential op amp output and the FB_OUT pin can be calculated using
Equation 18.
where ΔVOUT is the maximum allowed output voltage change caused by the current sharing loop, which is limited
by the VOUT regulation tolerance.
RFBO1 is the resistance of the upper resistor of the VOUT voltage sense divider shown in Figure 43 on page 29. As
shown in Figure 54, Rsh = R29 + R30 for Converter 1 and Rsh = R64 + R65 for Converter 2. RFBO1 = R18 for
Converter 1 and RFBO1 = R50 for Converter 2.
5.13
Gate Drivers
The ISL81601 integrates two almost identical high voltage driver pairs to drive both buck and boost MOSFET
pairs. Each driver pair consists of a gate control logic circuit, a low-side driver, a level shifter, and a high-side
driver.
The ISL81601 incorporates an adaptive dead time algorithm that optimizes operation with varying MOSFET
conditions. This algorithm provides approximately 16ns dead time between the switching of the upper and lower
MOSFETs. This dead time is adaptive and allows operation with different MOSFETs without having to externally
adjust the dead time using a resistor or capacitor. During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a threshold of 1V, at which time the UGATE is released to rise. Adaptive dead time
circuitry monitors the upper MOSFET gate voltage during UGATE turn-off. When the upper MOSFET
gate-to-source voltage drops below a threshold of 1V, the LGATE is allowed to rise. Renesas recommends not
using a resistor between the driver outputs and the respective MOSFET gates, because it can interfere with the dead
time circuitry.
The low-side gate driver is supplied from VDD and provides a 3A peak sink and 2A peak source current. The
high-side gate driver can also deliver peak 3A sink and 2A source current. Gate-drive voltage for the upper
N-channel MOSFET is generated by a flying capacitor boot circuit. A boot capacitor connected from the BOOT
pin to the PHASE node provides power to the high-side MOSFET driver. As shown in Figure 55 on page 42, the
boot capacitor is charged up to VDD by an external Schottky diode during low-side MOSFET on-time (phase node
low). To limit the peak current in the Schottky diode, an external resistor can be placed between the BOOT pin and
the boot capacitor. This small series resistor also damps any oscillations caused by the resonant tank of the parasitic
inductances in the traces of the board and the FET’s input capacitance.
At start-up, the low-side MOSFET turns on first and forces PHASE to ground to charge the BOOT capacitor to 8V
if the diode voltage drop is ignored. After the low-side MOSFET turns off, the high-side MOSFET is turned on by
closing an internal switch between BOOT and UGATE. This provides the necessary gate-to-source voltage to turn
(EQ. 17)
Ksh
5
Vsh
--------------
=
(EQ. 18)
Rsh
5RFBO1
VOUT
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com