Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL81601 Datasheet HTML 1Page - Renesas Technology Corp ISL81601 Datasheet HTML 2Page - Renesas Technology Corp ISL81601 Datasheet HTML 3Page - Renesas Technology Corp ISL81601 Datasheet HTML 4Page - Renesas Technology Corp ISL81601 Datasheet HTML 5Page - Renesas Technology Corp ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
1.
Overview
1.1
Typical Application Schematics
Figure 4. ISL81601EVAL1Z (VIN = 9V to 60V, VOUT = 12V, IOUT = 10A) Evaluation Board Schematic
VIN
VOUT
VOUT
EN
EN
C7 10u
C14
220p
C18
10n
Q2
NMOS
Q4
NMOS
C4
2200u/16v
Q3
NMOS
R8
169k
R9
2.7k
R12
3.48k
D4
C9
820p
R5
15k
C1
220u/100v
D2
100v
D3
4V7
C13
1n
C16
47n
R11
10k
U1
ISL81601
BSTEN
1
FB_IN
2
VCC5V
3
NC
4
RT/SYNC
5
PLL_COMP
6
CLKOUT/DITHER
7
SS/TRK
8
PHASE2
17
BOOT2
18
LG2/OC_MODE
19
VDD
20
PGND
21
LG1/PWM_MODE
22
BOOT1
23
PHASE1
24
R21
10
R4
37.4K
D1
100v
C12
22n
R17
1
C17
10n
R6
20k
C21
10n
L1
5.6uH
R13
48.7k
D5
4V7
C8
10n
C20
10n
C10
33n
R7
20k
R23
200k
C11
0.47u
C19
10u
R19
1
R3
154k
R22
820k
C6
10u
R10
44.2k
R15
5.1k
C22
47n
R18
1
C23
0.1u
R20
5.1k
R14
1k
C2
1n
R1 4m
C15
220p
R16
1
C5
0.47u
R2
3m
Q1
NMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com