Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 16Page - Renesas Technology Corp ISL81601 Datasheet HTML 17Page - Renesas Technology Corp ISL81601 Datasheet HTML 18Page - Renesas Technology Corp ISL81601 Datasheet HTML 19Page - Renesas Technology Corp ISL81601 Datasheet HTML 20Page - Renesas Technology Corp ISL81601 Datasheet HTML 21Page - Renesas Technology Corp ISL81601 Datasheet HTML 22Page - Renesas Technology Corp ISL81601 Datasheet HTML 23Page - Renesas Technology Corp ISL81601 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
FN9299 Rev.3.1
Page 20 of 53
May 27, 2021
ISL81601
4. Typical Performance Curves
4.
Typical Performance Curves
Oscilloscope plots are taken using the ISL81601EVAL1Z evaluation board, VIN = 9V to 60V, VOUT = 12V, IOUT = 10A unless otherwise
noted.
Figure 7. Shutdown Current vs Temperature
Figure 8. Quiescent Current vs Temperature
Figure 9. VDD Load Regulation at 12V Input
Figure 10. VDD Line Regulation at 20mA Load
Figure 11. VCC5V Load Regulation at 12VIN
Figure 12. VCC5V Line Regulation at 20mA Load
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
0
50
100
150
Temperature (oC)
Vin = 4.5
Vin = 5.6
Vin = 12V
Vin = 60V
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
-50
0
50
100
150
Temperature (oC)
Vin = 4.5
Vin = 5.6
Vin = 12V
Vin = 60V
0
1
2
3
4
5
6
7
8
9
020
40
60
80
100
120
140
160
IOUT (mA)
Vin = 12V, Vextbias = 0V
Vextbias = 12V, Vin = 4.5V
3
4
5
6
7
8
9
0
102030405060
70
VIN, VEXTBIAS (V)
VDD vs Vin
VDD vs Vextbias
0
1
2
3
4
5
6
020
40
60
80
100
120
140
Load Current (mA)
4.4
4.5
4.6
4.7
4.8
4.9
5.0
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com