Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp ISL81601 Datasheet HTML 39Page - Renesas Technology Corp ISL81601 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
FN9299 Rev.3.1
Page 36 of 53
May 27, 2021
ISL81601
5. Functional Description
In Burst mode, an internal window comparator takes control of the output voltage. The comparator monitors the
FB_OUT pin voltage. When the FB_OUT pin voltage is higher than 0.82V, the controller enters Low Power Off
mode. Some of the unnecessary internal circuitries are powered off. When the FB_OUT pin voltage drops to 0.8V,
the controller wakes up and runs in a fixed level peak current controlled D/(1-D) Buck-Boost mode when
VIN -VOUT < 2V and Buck mode when VIN -VOUT > 2V. In the D/(1-D) Buck-Boost mode, Q1 and Q3 conduct in
D*T period, where D is the duty cycle and T is the switching period. Q2 and Q4 complimentarily conduct in
(1-D)*T period. Q1 and Q3 are turned on by the clock signal and turned off when inductor current rises to the level
that the input current sense op amp input voltage reaches VBST-CS, typical 27mV. After Q1 and Q3 are turned off,
Q2 and Q4 are turned on to pass the energy stored in the inductor to the output until next cycle begins. The output
voltage increases in the wake up period. When the output reaches 0.82V again, the controller enters into Low
Power Off mode again. When the load current increases, the Low Power Off mode period decreases. When the off
mode period disappears and the load current further increases but still does not meet the Equation 13 exit condition,
the output voltage drops. When the FB_OUT pin voltage drops to 0.78V, the controller exits Burst mode and runs
in normal DE PWM mode. The voltage error amplifier takes control of the output voltage regulation.
In Low Power Off mode, the CLKEN pin goes low. By connecting the BSTEN and CLKEN pins together in a
multiple chip parallel system, the Burst mode enter/exit and burst on/off control are all synchronized.
Because the VOUT is controlled by a window comparator in Burst mode, higher than normal low frequency voltage
ripples appears on the VOUT, which can generate audible noise if the inductor and output capacitors are not chosen
properly. Also, the efficiency in D/(1-D) Buck-Boost mode is low. To avoid these drawbacks, the Burst mode can
be disabled by choosing a bigger RIM_OUT to set the IMON_OUT pin voltage higher than 0.88V at no load
condition, shown in Equation 14. The part runs in DE mode only. Pulse Skipping mode can also be implemented to
lower the light load power loss with much lower output voltage ripple as the VOUT is always controlled by the
regulator Gm1.
5.8
Prebiased Power-Up
The ISL81601 can soft-start with a prebiased output by running in forced DE mode during soft-start. The output
voltage is not pulled down during prebiased start-up. The PWM mode is not active until the soft-start ramp reaches
90% of the output voltage times the resistive divider ratio. Forced DE mode is set again when the SS/TRK pin
voltage is pulled to less than 0.3V by either internal or external circuit.
The overvoltage protection function is still alive during soft-start of the DE mode operation.
RIM_OUTxISENOFFSET vIMONOUTBSTEX
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com