Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 6Page - Renesas Technology Corp ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
FN9299 Rev.3.1
Page 10 of 53
May 27, 2021
ISL81601
2. Pin Information
2.2
Pin Descriptions
Pin #
(QFN)
Pin #
(HTSSOP)
Pin
Name
Function
1
8
BSTEN
DE Burst mode enable signal. The pin is pulled up to 5V by an internal 250k resistor in PWM and
DE mode. It is pulled low in Burst mode. The pull-down MOSFET rDS(ON) resistance is about 4.5k.
Connect this pin together in the multi-chip parallel operation application to sync all the chips
together for Burst mode operation.
2
9
FB_IN
Input voltage feedback pin for reverse direction operation. Use a resistor divider to feed the input
voltage back to this pin. When the input voltage drops to the pin voltage below 0.8V, the internal
control loop reduces the duty cycle to sink in current from output to input to keep the pin voltage
regulated at 0.8V.
Keep the pin voltage below 0.3V to disable the reverse direction operation.
When the reverse operation function is not used, tie this pin to VCC5V or SGND to set up the phase
shift for the interleaving parallel operation.
3
10
VCC5V
Output of the internal 5V linear regulator. This output supplies bias for the IC. The VCC5V pin must
always be decoupled to SGND with a minimum of 4.7µF ceramic capacitor placed very close to the
pin.
4
4, 22, 24,
28, 33, 37
NC
No connection pin.
5
12
RT/SYNC
A resistor from this pin to ground adjusts the default switching frequency from 100kHz to 600kHz.
The default switching frequency of the PWM controller is determined by the resistor RT as shown in
Equation 1.
where fSW is the switching frequency in MHz.
When this pin is open or tied to VCC5V, the fSW is set to 120kHz. When this pin is tied to GND, the
fSW is set to 575kHz.
When an external clock signal is applied to this pin, the internal frequency is synchronized to the
external clock frequency.
6
13
PLL_COMP Compensation pin for the internal PLL circuit. A compensation network shown in the Figure 52 on
page 37 is required. RPLL(2.7kΩ), CPLL1 (10nF), and CPLL2 (820pF) are recommended.
714
CLKOUT/
DITHER
Dual function pin. When there is no capacitor connected to this pin, it provides a clock signal to
synchronize the other ISL81601(s). The phase shift of the clock signal is set by the FB_IN and
IMON_IN pin voltages.
When a capacitor is connected to this pin, the clock out function is disabled and the frequency dither
function is enabled before the soft-start. The capacitor is charged and discharged by internal current
sources. As the voltage on the pin ramps up and down, the oscillator frequency is modulated
between –15% and +15% of the nominal frequency set by the RT resistor. The frequency dither
function is disabled in the external Sync mode or if the RT pin is open or shorted.
8
15
SS/TRK
Dual function pin. When used for soft-starting control, a soft-start capacitor is connected from this
pin to ground. A regulated 2μA soft-starting current charges up the soft-start capacitor. the value of
the soft-start capacitor sets the output voltage ramp.
When used for tracking control, an external supply rail is configured as the master and the output
voltage of the master supply is applied to this pin using a resistor divider. The output voltage tracks
the master supply voltage.
9
16
COMP
Voltage error GM amplifier output. It sets the reference of the inner current loop. The feedback
compensation network is connected between the COMP and SGND pins. When the COMP pin is
pulled below 1V, the PWM duty cycle reduces to 0%.
10
17
FB_OUT
Output voltage feedback input. Connect FB_OUT to a resistive voltage divider between the output
and SGND to adjust the output voltage. FB_OUT pin voltage is regulated to the internal 0.8V
reference.
RT
34.7
fSW
----------- 4.78
–

 k
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com