Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 30Page - Renesas Technology Corp ISL81601 Datasheet HTML 31Page - Renesas Technology Corp ISL81601 Datasheet HTML 32Page - Renesas Technology Corp ISL81601 Datasheet HTML 33Page - Renesas Technology Corp ISL81601 Datasheet HTML 34Page - Renesas Technology Corp ISL81601 Datasheet HTML 35Page - Renesas Technology Corp ISL81601 Datasheet HTML 36Page - Renesas Technology Corp ISL81601 Datasheet HTML 37Page - Renesas Technology Corp ISL81601 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
FN9299 Rev.3.1
Page 34 of 53
May 27, 2021
ISL81601
5. Functional Description
Figure 49. Boost Mode Equivalent Circuit and Operation Waveforms
In Boost mode, the Q3 duty cycle is given by:
DQ3 = (1 - VIN / VOUT) x 100%
As VIN increases close to VOUT, DQ3 decreases close to its minimum value decided by its minimum on-time.
When DQ3 reaches its minimum value, the converter moves to Buck-Boost mode.
When VIN is much lower than VOUT, DQ3 increases close to its maximum duty cycle decided by its minimum
off-time. To allow stable loop operation and avoid duty cycle jitter, Renesas recommends keeping the Q3
off-time always two to three times higher than the minimum off-time.
5.6.3
Buck-Boost Mode Operation (VIN ≈ VOUT)
In Buck-Boost mode, the converter runs in one cycle of Buck mode followed by one cycle of Boost mode
operation mode. It takes two clock cycles to finish a full buck-boost period.
When VIN is higher than VOUT, Q3 runs in minimum duty in the Boost mode cycle. Q1 duty cycle DQ1 is
modulated in the buck cycle to keep VOUT in regulation. As VIN increases, DQ1 decreases. When DQ1 decreases
to less than 66.7% of the clock period, the converter moves to Buck mode.
When VIN is lower than VOUT, Q1 runs in maximum duty in the Buck mode cycle. Q3 duty cycle DQ3 is
modulated in the Boost mode cycle to keep VOUT in regulation. As VIN decreases, DQ3 increases. When DQ3
increases to more than 33.3% of the clock period, the converter moves to Boost mode.
Q3
VIN
VOUT
Q4
RS_IN
RS_OUT
L
UG2
LG2
PH1
PH2
CLOCK
Q1
UG1
Q2
LG1
Q3
LG2
Q4
UG2
IL
0V
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com