Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81601 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL81601
Description  60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL81601 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL81601 Datasheet HTML 7Page - Renesas Technology Corp ISL81601 Datasheet HTML 8Page - Renesas Technology Corp ISL81601 Datasheet HTML 9Page - Renesas Technology Corp ISL81601 Datasheet HTML 10Page - Renesas Technology Corp ISL81601 Datasheet HTML 11Page - Renesas Technology Corp ISL81601 Datasheet HTML 12Page - Renesas Technology Corp ISL81601 Datasheet HTML 13Page - Renesas Technology Corp ISL81601 Datasheet HTML 14Page - Renesas Technology Corp ISL81601 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
FN9299 Rev.3.1
Page 11 of 53
May 27, 2021
ISL81601
2. Pin Information
11
18
IMON_OUT
Output current monitor. The current from this pin is proportional to the differential voltage between
the ISEN+ and ISEN- pins. Connect a resistor and capacitor network between the pin and SGND to
make the pin voltage proportional to the average output current. When the pin voltage reaches 1.2V,
the internal average current limit loop reduces the output voltage to keep the output current constant
when constant current OCP mode is set or the converter shuts down when hiccup OCP mode is set.
In DE Burst mode, when this pin voltage is less than 850mV, the controller runs in Burst mode.
When this pin voltage is higher than 880mV, the controller exits Burst mode. When a higher
resistance on this pin is used to set its voltage higher than 880mV at no load condition, the controller
runs in DE mode with no burst operation.
12
19
OV
OVP comparator output signal. The pin is pulled low to GND by an internal 250k resistor in normal
operation. It is pulled high when output OVP trips. The pull-up MOSFET rDS(ON) resistance is about
4.5k. Connect this pin together in multi-chip parallel operation application to sync all the chips
together for the OVP reaction.
13
20
ISEN-
Output current sense signal negative input pin.
14
21
ISEN+
Output current sense signal positive input pin.
15
23
PGOOD
Open-drain logic output used to indicate the status of output voltage. This pin is pulled low when the
output is not within ±10% of the nominal voltage or the EN pin is pulled LOW.
16
25
UG2
High-side MOSFET gate driver output controlled by the boost PWM signal.
17
26
PHASE2
Phase node connection of the boost converter. This pin is connected to the junction of the upper
MOSFET’s source, filter inductor, and lower MOSFET’s drain of the boost converter.
18
27
BOOT2
Bootstrap pin to provide bias for the boost high-side driver. The positive terminal of the bootstrap
capacitor connects to this pin. Connect a bootstrap diode between this pin and VDD to create the
bias for the high-side driver. The BOOT2 to PHASE2 voltage is monitored internally. When the
voltage drops to 5.95V at no switching condition, a minimum off-time pulse is issued to turn off UG2
and turn on LG2 to refresh the bootstrap capacitor and maintain the high-side driver bias voltage.
19
29
LG2/
OC_MODE
Low-side MOSFET gate driver output controlled by the boost PWM signal and OCP mode set pin.
The OCP mode is set by a resistor connected between the pin and ground during the initiation stage
before soft-start. During the initiation stage, the pin sources out 10µA current to set the voltage on
the pin. If the pin voltage is less than 0.3V, the OCP is set to constant current mode. If the pin
voltage is higher than 0.3V, the OCP is set to Hiccup mode.
20
30
VDD
Output of the internal 8V linear regulator supplied by either VIN or EXTBIAS. This output supplies
bias for the IC low-side drivers and the boot circuitries for the high-side drivers. The VDD pin must
always be decoupled to PGND pin with a minimum of 4.7µF ceramic capacitor placed very close to
the pin.
21
31
PGND
Power ground connection. This pin should be connected to the sources of the lower MOSFETs and
the (-) terminals of the VDD decoupling capacitors.
22
32
LG1/
PWM_MODE
Low-side MOSFET gate driver output controlled by the buck PWM signal and PWM mode set pin.
The PWM mode is set by a resistor connected between the pin and ground during the initiation
stage before soft-start. During the initiation stage, the pin sources out 10µA current to set the
voltage on the pin. If the pin voltage is less than 0.3V, the converter is set to forced PWM mode. If
the pin voltage is higher than 0.3V, the converter is set to DE mode.
23
34
BOOT1
Bootstrap pin to provide bias for the buck high-side driver. The positive terminal of the bootstrap
capacitor connects to this pin. Connect a bootstrap diode between this pin and VDD to create the
bias for the high-side driver. The BOOT1 to PHASE1 voltage is monitored internally. When the
voltage drops to 5.95V at no switching condition, a minimum off-time pulse is issued to turn off UG1
and turn on LG1 to refresh the bootstrap capacitor and maintain the high-side driver bias voltage.
24
35
PHASE1
Phase node connection of the buck converter. This pin is connected to the junction of the upper
MOSFET’s source, filter inductor, and lower MOSFET’s drain of the buck converter.
25
36
UG1
High-side MOSFET gate driver output controlled by the buck PWM signal.
26
38
EXTBIAS
External bias input for the optional VDD LDO. There is an internal switch to disconnect the VIN LDO
when EXTBIAS voltage is higher than 7.5V. Decouple this pin to ground with a 10µF ceramic
capacitor when it is in use, otherwise tie this pin to ground. DO NOT float this pin.
Pin #
(QFN)
Pin #
(HTSSOP)
Pin
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com